Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATmega162-16PI Datasheet(PDF) 43 Page - ATMEL Corporation

Part # ATmega162-16PI
Description  8-bit Microcontroller with 16K Bytes In-System Programmable Flash
PDF  324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega162-16PI Datasheet(HTML) 43 Page - ATMEL Corporation

Back Button ATmega162-16PI Datasheet HTML 39Page - ATMEL Corporation ATmega162-16PI Datasheet HTML 40Page - ATMEL Corporation ATmega162-16PI Datasheet HTML 41Page - ATMEL Corporation ATmega162-16PI Datasheet HTML 42Page - ATMEL Corporation ATmega162-16PI Datasheet HTML 43Page - ATMEL Corporation ATmega162-16PI Datasheet HTML 44Page - ATMEL Corporation ATmega162-16PI Datasheet HTML 45Page - ATMEL Corporation ATmega162-16PI Datasheet HTML 46Page - ATMEL Corporation ATmega162-16PI Datasheet HTML 47Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 324 page
background image
43
2513K–AVR–07/09
ATmega162/V
Power
Management
and Sleep
Modes
Sleep modes enable the application to shut down unused modules in the MCU, thereby saving
power. The AVR provides various sleep modes allowing the user to tailor the power consump-
tion to the application’s requirements.
To enter any of the five sleep modes, the SE bit in MCUCR must be written to logic one and a
SLEEP instruction must be executed. The SM2 bit in MCUCSR, the SM1 bit in MCUCR, and the
SM0 bit in the EMCUCR Register select which sleep mode (Idle, Power-down, Power-save,
Standby, or Extended Standby) will be activated by the SLEEP instruction. See Table 16 for a
summary. If an enabled interrupt occurs while the MCU is in a sleep mode, the MCU wakes up.
The MCU is then halted for four cycles in addition to the start-up time, executes the interrupt rou-
tine, and resumes execution from the instruction following SLEEP. The contents of the Register
File and SRAM are unaltered when the device wakes up from sleep. If a Reset occurs during
sleep mode, the MCU wakes up and executes from the Reset Vector.
Figure 18 on page 35 presents the different clock systems in the ATmega162, and their distribu-
tion. The figure is helpful in selecting an appropriate sleep mode.
MCU Control Register
– MCUCR
• Bit 5 – SE: Sleep Enable
The SE bit must be written to logic one to make the MCU enter the sleep mode when the SLEEP
instruction is executed. To avoid the MCU entering the sleep mode unless it is the programmer’s
purpose, it is recommended to write the Sleep Enable (SE) bit to one just before the execution of
the SLEEP instruction and to clear it immediately after waking up.
• Bit 4 – SM1: Sleep Mode Select Bit 1
The Sleep Mode Select bits select between the five available sleep modes as shown in Table
16.
MCU Control and
Status Register –
MCUCSR
• Bit 5 – SM2: Sleep Mode Select Bit 2
The Sleep Mode Select bits select between the five available sleep modes as shown in Table
16.
Bit
765
4321
0
SRE
SRW10
SE
SM1
ISC11
ISC10
ISC01
ISC00
MCUCR
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Initial Value
000
0000
0
Bit
765
4321
0
JTD
–SM2
JTRF
WDRF
BORF
EXTRF
PORF
MCUCSR
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Initial Value
000
0000
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com