Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCA8X0 Datasheet(PDF) 7 Page - VTI technologies

Part # SCA8X0
Description  VTI Automotive Digital Accelerometer Platform
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VTI [VTI technologies]
Direct Link  http://www.vti.fi
Logo VTI - VTI technologies

SCA8X0 Datasheet(HTML) 7 Page - VTI technologies

Back Button SCA8X0 Datasheet HTML 3Page - VTI technologies SCA8X0 Datasheet HTML 4Page - VTI technologies SCA8X0 Datasheet HTML 5Page - VTI technologies SCA8X0 Datasheet HTML 6Page - VTI technologies SCA8X0 Datasheet HTML 7Page - VTI technologies SCA8X0 Datasheet HTML 8Page - VTI technologies SCA8X0 Datasheet HTML 9Page - VTI technologies SCA8X0 Datasheet HTML 10Page - VTI technologies SCA8X0 Datasheet HTML 11Page - VTI technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 35 page
background image
SCA8X0/21X0/3100 Series
VTI Technologies Oy
7/35
www.vti.fi
Doc. Nr. 82 694 00 C
1.4.4
Analog to digital conversion
Analog voltage information is amplified and filtered and converted into digital information for signal
processing inside the ASIC.
1.4.5
Signal conditioning and filtering
The block filters and conditions the measurement information needed for the application
1.4.6
Temperature measurement
The accelerometers contain a temperature sensor for temperature compensation purposes and for
use in the application.
1.4.7
Memory
Factory programmed calibration values are stored in a non-volatile memory
1.4.8
SPI
SPI interface is a simple four wire interface for communication between the component and the
application micro controller.
1.4.9
Self diagnostics
The VTI Automotive Digital Platform contains several enhanced diagnostics features to allow timely
and robust failure detection.
1.4.10 Power supply interface
The products are equipped with separate power and ground pins for analog and digital functionality
to allow high accuracy measurement.
1.4.11 Factory calibration
VTI Automotive Digital Platform accelerometers are factory calibrated. No separate calibration is
required in the application. Trimmed parameters during production include sensitivity, offset and
frequency response. Calibration parameters are stored during the manufacturing of the part inside
a non-volatile memory. The parameters are read automatically from the internal non-volatile
memory during the startup of the sensor after power on.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com