Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCA8X0 Datasheet(PDF) 13 Page - VTI technologies

Part # SCA8X0
Description  VTI Automotive Digital Accelerometer Platform
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VTI [VTI technologies]
Direct Link  http://www.vti.fi
Logo VTI - VTI technologies

SCA8X0 Datasheet(HTML) 13 Page - VTI technologies

Back Button SCA8X0 Datasheet HTML 9Page - VTI technologies SCA8X0 Datasheet HTML 10Page - VTI technologies SCA8X0 Datasheet HTML 11Page - VTI technologies SCA8X0 Datasheet HTML 12Page - VTI technologies SCA8X0 Datasheet HTML 13Page - VTI technologies SCA8X0 Datasheet HTML 14Page - VTI technologies SCA8X0 Datasheet HTML 15Page - VTI technologies SCA8X0 Datasheet HTML 16Page - VTI technologies SCA8X0 Datasheet HTML 17Page - VTI technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 35 page
background image
SCA8X0/21X0/3100 Series
VTI Technologies Oy
13/35
www.vti.fi
Doc. Nr. 82 694 00 C
3.1.1.2
X_MSB
Address: 5h
Bits
Mode
Initial
Value
Name
Description
7:0
R
00h
DATA
X-axis MSB frame (or Y-axis or Z-axis in SCA8X0)
Reading of this register latches X_LSB.
3.1.2
Y axis acceleration output
3.1.2.1
Y_LSB
Address: 6h
Bits
Mode
Initial
Value
Name
Description
7:0
R
00h
DATA
Y-axis LSB frame
Read always Y_MSB prior to Y_LSB.
3.1.2.2
Y_MSB
Address: 7h
Bits
Mode
Initial
Value
Name
Description
7:0
R
00h
DATA
Y-axis MSB frame
Reading of this register latches Y_LSB.
3.1.3
Z axis acceleration output
3.1.3.1
Z_LSB
Address: 8h
Bits
Mode
Initial
Value
Name
Description
7:0
R
00h
DATA
Z-axis LSB frame
Read always Z_MSB prior to Z_LSB.
3.1.3.2
Z_MSB
Address: 9h
Bits
Mode
Initial
Value
Name
Description
7:0
R
00h
DATA
Z-axis MSB frame
Reading of this register latches Z_LSB.
The bit level description of acceleration data from X_LSB ... Z_MSB registers is presented below
(Note that the available axis combination of xyz depends on product type). The acceleration data is
presented in 2's complement format. At 0 g acceleration the output is ideally 0000h.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com