Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCA8X0 Datasheet(PDF) 11 Page - VTI technologies

Part # SCA8X0
Description  VTI Automotive Digital Accelerometer Platform
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VTI [VTI technologies]
Direct Link  http://www.vti.fi
Logo VTI - VTI technologies

SCA8X0 Datasheet(HTML) 11 Page - VTI technologies

Back Button SCA8X0 Datasheet HTML 7Page - VTI technologies SCA8X0 Datasheet HTML 8Page - VTI technologies SCA8X0 Datasheet HTML 9Page - VTI technologies SCA8X0 Datasheet HTML 10Page - VTI technologies SCA8X0 Datasheet HTML 11Page - VTI technologies SCA8X0 Datasheet HTML 12Page - VTI technologies SCA8X0 Datasheet HTML 13Page - VTI technologies SCA8X0 Datasheet HTML 14Page - VTI technologies SCA8X0 Datasheet HTML 15Page - VTI technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 35 page
background image
SCA8X0/21X0/3100 Series
VTI Technologies Oy
11/35
www.vti.fi
Doc. Nr. 82 694 00 C
Item
Procedure
Functions
Check
AVE forward
to check SPI
failure bits)
•
SPI ST=0
•
SPI SAT=0
•
dPAR, data
parity
5
Send calculated AVE forward
-
-
6
Jump back to item 2
-
-
For detailed SPI failure bit information see chapter 4.2 Error Conditioning
2.7
Recommended procedures or optional features
Product family components have different features, which are not required during normal operation.
However, they are recommended in some cases if they are seen important from system
perspective.
2.7.1
SCA8x0/SCA21x0/SCA31x0
2.7.1.1
Read back procedure
It is recommended to read back every write command to compare read data to the write command.
This way it is detected very unlikely failures in MCU, in SPI wiring, in SPI interface, in system clock
or inside state machine.
2.7.1.2
Checksum during operation
Checksum is calculated for component register values that control the operation of product. Data is
read from non-volatile memory to these registers during start-up and checksum is calculated
automatically. It is possible to repeat checksum calculation during normal operation by CTRL
register command and test result can be seen from STATUS register (see more info in 3.2.1 and
3.1.6). In multi-axis products test result can be seen also from SPI frame. By repeating checksum
during normal operation, it is possible to detect very unlikely intermittent or static bit failures in
register map.
2.7.1.3
Saturated data
Output data saturates to predefined value if product dynamic range is exceeded. If output data has
been saturated it should be considered invalid and it should not be used for system controlling.
Output data saturation can also be indication of some very unlike component failure.
2.7.1.4
Noiseless output
Valid acceleration output includes always some noise. If output data is constant, it can be indication
of system error and data is not valid anymore. Therefore it is useful to monitor noise or deviation of
output data.
2.7.1.5
Component ID
Each product family component type has unique identification number, which is stored to non-
volatile memory (see 3.3.2). This number can be used for example in production line to check that
correct component is mounted to the system. In some cases it may be used for MCU software
controlling.
2.7.2
SCA8x0
2.7.2.1
Mass deflection during operation
Mass deflection self-test is performed automatically to both direction in start-up. Mass deflection
can be performed during operation if requested by user. Test is started and direction is controlled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com