Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT25DF321 Datasheet(PDF) 27 Page - ATMEL Corporation

Part # AT25DF321
Description  32-megabit 2.7-volt Minimum SPI Serial Flash Memory
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT25DF321 Datasheet(HTML) 27 Page - ATMEL Corporation

Back Button AT25DF321 Datasheet HTML 23Page - ATMEL Corporation AT25DF321 Datasheet HTML 24Page - ATMEL Corporation AT25DF321 Datasheet HTML 25Page - ATMEL Corporation AT25DF321 Datasheet HTML 26Page - ATMEL Corporation AT25DF321 Datasheet HTML 27Page - ATMEL Corporation AT25DF321 Datasheet HTML 28Page - ATMEL Corporation AT25DF321 Datasheet HTML 29Page - ATMEL Corporation AT25DF321 Datasheet HTML 30Page - ATMEL Corporation AT25DF321 Datasheet HTML 31Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 37 page
background image
27
3669B–DFLASH–6/09
AT25DF321
11.4 Hold
The HOLD pin is used to pause the serial communication with the device without having to stop
or reset the clock sequence. The Hold mode, however, does not have an affect on any internally
self-timed operations such as a program or erase cycle. Therefore, if an erase cycle is in prog-
ress, asserting the HOLD pin will not pause the operation, and the erase cycle will continue until
it is finished.
The Hold mode can only be entered while the CS pin is asserted. The Hold mode is activated
simply by asserting the HOLD pin during the SCK low pulse. If the HOLD pin is asserted during
the SCK high pulse, then the Hold mode won't be started until the beginning of the next SCK low
pulse. The device will remain in the Hold mode as long as the HOLD pin and CS pin are
asserted.
While in the Hold mode, the SO pin will be in a high-impedance state. In addition, both the SI pin
and the SCK pin will be ignored. The WP pin, however, can still be asserted or deasserted while
in the Hold mode.
To end the Hold mode and resume serial communication, the HOLD pin must be deasserted
during the SCK low pulse. If the HOLD pin is deasserted during the SCK high pulse, then the
Hold mode won't end until the beginning of the next SCK low pulse.
If the CS pin is deasserted while the HOLD pin is still asserted, then any operation that may
have been started will be aborted, and the device will reset the WEL bit in the Status Register
back to the logical “0” state.
Figure 11-4. Hold Mode
SCK
CS
HOLD
Hold
Hold
Hold



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com