Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT25DF321 Datasheet(PDF) 30 Page - ATMEL Corporation

Part # AT25DF321
Description  32-megabit 2.7-volt Minimum SPI Serial Flash Memory
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT25DF321 Datasheet(HTML) 30 Page - ATMEL Corporation

Back Button AT25DF321 Datasheet HTML 26Page - ATMEL Corporation AT25DF321 Datasheet HTML 27Page - ATMEL Corporation AT25DF321 Datasheet HTML 28Page - ATMEL Corporation AT25DF321 Datasheet HTML 29Page - ATMEL Corporation AT25DF321 Datasheet HTML 30Page - ATMEL Corporation AT25DF321 Datasheet HTML 31Page - ATMEL Corporation AT25DF321 Datasheet HTML 32Page - ATMEL Corporation AT25DF321 Datasheet HTML 33Page - ATMEL Corporation AT25DF321 Datasheet HTML 34Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 37 page
background image
30
3669B–DFLASH–6/09
AT25DF321
Notes: 1. Not 100% tested (value guaranteed by design and characterization).
12.7 Input Test Waveforms and Measurement Levels
12.8 Output Test Load
12.5 Program and Erase Characteristics
Symbol
Parameter
Min
Typ
Max
Units
tPP
Page Program Time (256 Bytes)
1.5
5.0
ms
tBP
Byte Program Time
6
µs
tBLKE
Block Erase Time
4-Kbyte
50
200
ms
32-Kbyte
350
600
64-Kbyte
600
950
tCHPE(1)
Chip Erase Time
36
56
sec
tWRSR(1)
Write Status Register Time
200
ns
12.6 Power-Up Conditions
Symbol
Parameter
Min
Max
Units
tVCSL
Minimum VCC to Chip Select Low Time
50
µs
tPUW
Power-up Device Delay Before Program or Erase Allowed
10
ms
VPOR
Power-On Reset Voltage
1.5
2.5
V
AC
DRIVING
LEVELS
AC
MEASUREMENT
LEVEL
0.45V
1.5V
2.4V
tR, tF < 2 ns (10% to 90%)
DEVICE
UNDER
TEST
30 pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com