Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT25DF321 Datasheet(PDF) 33 Page - ATMEL Corporation

Part # AT25DF321
Description  32-megabit 2.7-volt Minimum SPI Serial Flash Memory
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT25DF321 Datasheet(HTML) 33 Page - ATMEL Corporation

Back Button AT25DF321 Datasheet HTML 29Page - ATMEL Corporation AT25DF321 Datasheet HTML 30Page - ATMEL Corporation AT25DF321 Datasheet HTML 31Page - ATMEL Corporation AT25DF321 Datasheet HTML 32Page - ATMEL Corporation AT25DF321 Datasheet HTML 33Page - ATMEL Corporation AT25DF321 Datasheet HTML 34Page - ATMEL Corporation AT25DF321 Datasheet HTML 35Page - ATMEL Corporation AT25DF321 Datasheet HTML 36Page - ATMEL Corporation AT25DF321 Datasheet HTML 37Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 33 / 37 page
background image
33
3669B–DFLASH–6/09
AT25DF321
14. Ordering Information
14.1 Green Package Options (Pb/Halide-free/RoHS Compliant)
fSCK (MHz)
Ordering Code
Package
Operation Range
70
AT25DF321-SU
8S2
Industrial
(-40°C to +85°C)
70
AT25DF321-S3U
16S
Package Type
8S2
8-lead, 0.209" Wide, Plastic Gull Wing Small Outline Package (EIAJ SOIC)
16S
16-lead, 0.300" Wide, Plastic Gull Wing Small Outline Package (SOIC)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com