Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT25DF021 Datasheet(PDF) 30 Page - ATMEL Corporation

Part # AT25DF021
Description  2-Megabit 2.3-volt or 2.7-volt Minimum SPI Serial Flash Memory
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT25DF021 Datasheet(HTML) 30 Page - ATMEL Corporation

Back Button AT25DF021 Datasheet HTML 26Page - ATMEL Corporation AT25DF021 Datasheet HTML 27Page - ATMEL Corporation AT25DF021 Datasheet HTML 28Page - ATMEL Corporation AT25DF021 Datasheet HTML 29Page - ATMEL Corporation AT25DF021 Datasheet HTML 30Page - ATMEL Corporation AT25DF021 Datasheet HTML 31Page - ATMEL Corporation AT25DF021 Datasheet HTML 32Page - ATMEL Corporation AT25DF021 Datasheet HTML 33Page - ATMEL Corporation AT25DF021 Datasheet HTML 34Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 41 page
background image
30
3677D–DFLASH–04/09
AT25DF021
13. System Considerations
In an effort to continue our goal of maintaining world-class quality leadership, Atmel has been
performing extensive testing on the AT25DF021 that would not normally be done with a Serial
Flash device. The testing that has been performed on the AT25DF021 involved extensive, non-
stop reading of the memory array on pre-conditioned devices. The pre-conditioning of the
devices, which entailed erasing and programming the entire memory array 10,000 times, was
done to simulate a customer environment and to exercise the memory cells to a certain degree.
The non-stop reading of the devices was done in three levels of granularity, with the first level
involving a continuous, looped read of 256 bytes (a single page) of memory, the second level
involving a continuous, looped-read of a 4-Kbyte (16 pages) portion of memory, and the third
level entailing non-stop reading of the entire memory array. Read operations were performed at
both +25°C and +125°C and with a supply voltage of 3.7V, which exceeds the specified
datasheet operating voltage range.
The results of all of the extensive tests indicate that the contents of a portion of memory being
read continuously could be altered after 800,000,000 read operations only if that portion of the
memory was not erased or reprogrammed at all during the 800,000,000 read operations. If that
portion of memory was reprogrammed at some point, then it would take another 800,000,000
read operations after reprogramming before the contents could potentially be altered. For exam-
ple, if the Serial Flash is being used for boot code storage, then it would take 800,000,000 boot
operations before that boot code may become altered, provided that the boot code was not
updated or reprogrammed. If an application was to read the entire memory array non-stop at a
clock frequency of 10MHz, it would take over 5 years to reach 800,000,000 read operations.
Atmel firmly believes that this extended testing result should not be a cause for concern. We
also believe that most, if not all, applications will never read the same portion of memory
800,000,000 times throughout the life of the application without ever updating that portion of
memory.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com