Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT25DF021 Datasheet(PDF) 5 Page - ATMEL Corporation

Part # AT25DF021
Description  2-Megabit 2.3-volt or 2.7-volt Minimum SPI Serial Flash Memory
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT25DF021 Datasheet(HTML) 5 Page - ATMEL Corporation

  AT25DF021 Datasheet HTML 1Page - ATMEL Corporation AT25DF021 Datasheet HTML 2Page - ATMEL Corporation AT25DF021 Datasheet HTML 3Page - ATMEL Corporation AT25DF021 Datasheet HTML 4Page - ATMEL Corporation AT25DF021 Datasheet HTML 5Page - ATMEL Corporation AT25DF021 Datasheet HTML 6Page - ATMEL Corporation AT25DF021 Datasheet HTML 7Page - ATMEL Corporation AT25DF021 Datasheet HTML 8Page - ATMEL Corporation AT25DF021 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 41 page
background image
5
3677D–DFLASH–04/09
AT25DF021
Figure 4-1.
Memory Architecture Diagram
Internal Sectoring for
64KB
32KB
4KB
1-256 Byte
Sector Protection
Block Erase
Block Erase
Block Erase
Page Program
Function
(D8h Command)
(52h Command)
(20h Command)
(02h Command)
4KB
03FFFFh – 03F000h
256 Bytes
03FFFFh – 03FF00h
4KB
03EFFFh – 03E000h
256 Bytes
03FEFFh – 03FE00h
4KB
03DFFFh – 03D000h
256 Bytes
03FDFFh – 03FD00h
4KB
03CFFFh – 03C000h
256 Bytes
03FCFFh – 03FC00h
4KB
03BFFFh – 03B000h
256 Bytes
03FBFFh – 03FB00h
4KB
03AFFFh – 03A000h
256 Bytes
03FAFFh – 03FA00h
4KB
039FFFh – 039000h
256 Bytes
03F9FFh – 03F900h
4KB
038FFFh – 038000h
256 Bytes
03F8FFh – 03F800h
4KB
037FFFh – 037000h
256 Bytes
03F7FFh – 03F700h
4KB
036FFFh – 036000h
256 Bytes
03F6FFh – 03F600h
4KB
035FFFh – 035000h
256 Bytes
03F5FFh – 03F500h
4KB
034FFFh – 034000h
256 Bytes
03F4FFh – 03F400h
4KB
033FFFh – 033000h
256 Bytes
03F3FFh – 03F300h
4KB
032FFFh – 032000h
256 Bytes
03F2FFh – 03F200h
4KB
031FFFh – 031000h
256 Bytes
03F1FFh – 03F100h
4KB
030FFFh – 030000h
256 Bytes
03F0FFh – 03F000h
4KB
02FFFFh – 02F000h
256 Bytes
03EFFFh – 03EF00h
4KB
02EFFFh – 02E000h
256 Bytes
03EEFFh – 03EE00h
4KB
02DFFFh – 02D000h
256 Bytes
03EDFFh – 03ED00h
4KB
02CFFFh – 02C000h
256 Bytes
03ECFFh – 03EC00h
4KB
02BFFFh – 02B000h
256 Bytes
03EBFFh – 03EB00h
4KB
02AFFFh – 02A000h
256 Bytes
03EAFFh – 03EA00h
4KB
029FFFh – 029000h
256 Bytes
03E9FFh – 03E900h
4KB
028FFFh – 028000h
256 Bytes
03E8FFh – 03E800h
4KB
027FFFh – 027000h
4KB
026FFFh – 026000h
4KB
025FFFh – 025000h
4KB
024FFFh – 024000h
256 Bytes
0017FFh – 001700h
4KB
023FFFh – 023000h
256 Bytes
0016FFh – 001600h
4KB
022FFFh – 022000h
256 Bytes
0015FFh – 001500h
4KB
021FFFh – 021000h
256 Bytes
0014FFh – 001400h
4KB
020FFFh – 020000h
256 Bytes
0013FFh – 001300h
256 Bytes
0012FFh – 001200h
256 Bytes
0011FFh – 001100h
256 Bytes
0010FFh – 001000h
4KB
00FFFFh – 00F000h
256 Bytes
000FFFh – 000F00h
4KB
00EFFFh – 00E000h
256 Bytes
000EFFh – 000E00h
4KB
00DFFFh – 00D000h
256 Bytes
000DFFh – 000D00h
4KB
00CFFFh – 00C000h
256 Bytes
000CFFh – 000C00h
4KB
00BFFFh – 00B000h
256 Bytes
000BFFh – 000B00h
4KB
00AFFFh – 00A000h
256 Bytes
000AFFh – 000A00h
4KB
009FFFh – 009000h
256 Bytes
0009FFh – 000900h
4KB
008FFFh – 008000h
256 Bytes
0008FFh – 000800h
4KB
007FFFh – 007000h
256 Bytes
0007FFh – 000700h
4KB
006FFFh – 006000h
256 Bytes
0006FFh – 000600h
4KB
005FFFh – 005000h
256 Bytes
0005FFh – 000500h
4KB
004FFFh – 004000h
256 Bytes
0004FFh – 000400h
4KB
003FFFh – 003000h
256 Bytes
0003FFh – 000300h
4KB
002FFFh – 002000h
256 Bytes
0002FFh – 000200h
4KB
001FFFh – 001000h
256 Bytes
0001FFh – 000100h
4KB
000FFFh – 000000h
256 Bytes
0000FFh – 000000h
64KB
(Sector 2)
64KB
64KB
(Sector 3)
Range
64KB
32KB
32KB
Block Erase Detail
32KB
32KB
Page Program Detail
Page Address
Block Address
Range
64KB
(Sector 0)
32KB
32KB
64KB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com