Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT25DF021 Datasheet(PDF) 37 Page - ATMEL Corporation

Part # AT25DF021
Description  2-Megabit 2.3-volt or 2.7-volt Minimum SPI Serial Flash Memory
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT25DF021 Datasheet(HTML) 37 Page - ATMEL Corporation

Back Button AT25DF021 Datasheet HTML 33Page - ATMEL Corporation AT25DF021 Datasheet HTML 34Page - ATMEL Corporation AT25DF021 Datasheet HTML 35Page - ATMEL Corporation AT25DF021 Datasheet HTML 36Page - ATMEL Corporation AT25DF021 Datasheet HTML 37Page - ATMEL Corporation AT25DF021 Datasheet HTML 38Page - ATMEL Corporation AT25DF021 Datasheet HTML 39Page - ATMEL Corporation AT25DF021 Datasheet HTML 40Page - ATMEL Corporation AT25DF021 Datasheet HTML 41Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 37 / 41 page
background image
37
3677D–DFLASH–04/09
AT25DF021
16. Ordering Information
16.1 Ordering Code Detail
Note:
The shipping carrier option code is not marked on the devices.
AT 2 5 D
0 2
S S H
B
1
F
F
Atmel Designator
Product Family
Device Density
02 = 2-megabit
Interface
1 = Serial
Package Option
SS = 8-lead, 0.150" wide SOIC
M
= 8-pad 5 x 6 x 0.6 mm UDFN
Device Grade
H = Green, NiPdAu lead finish, industrial
temperature range (–40°C to +85°C)
Shipping Carrier Option
B = Bulk (tubes)
Y = Bulk (trays)
T = Tape and reel
Operating Voltage
Blank = 2.7V minimum (2.7V to 3.6V)
F
= 2.3V minimum (2.3V to 3.6V)
16.2 Green Package Options (Pb/Halide-free/RoHS Compliant)
Ordering Code
Package
Lead Finish
Operating Voltage
Max. Freq.
(MHz)
Operation Range
AT25DF021-SSH-B
AT25DF021-SSH-T
8S1
NiPdAu
2.7V to 3.6V
70
Industrial
(-40°C to +85°C)
AT25DF021-MH-Y
AT25DF021-MH-T
8MA1
AT25DF021-SSHF-B
AT25DF021-SSHF-T
8S1
NiPdAu
2.3V to 3.6V
50
AT25DF021-MHF-Y
AT25DF021-MHF-T
8MA1
Package Type
8S1
8-lead, 0.150" Wide, Plastic Gull Wing Small Outline Package (JEDEC SOIC)
8MA1
8-pad, 5 x 6 x 0.6 mm, Thermally Enhanced Ultra Thin Dual Flat No Lead Package (UDFN)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com