Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LIA130STR Datasheet(PDF) 7 Page - Clare, Inc.

Part # LIA130STR
Description  Optically Isolated Error Amplifier
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

LIA130STR Datasheet(HTML) 7 Page - Clare, Inc.

Back Button LIA130STR Datasheet HTML 2Page - Clare, Inc. LIA130STR Datasheet HTML 3Page - Clare, Inc. LIA130STR Datasheet HTML 4Page - Clare, Inc. LIA130STR Datasheet HTML 5Page - Clare, Inc. LIA130STR Datasheet HTML 6Page - Clare, Inc. LIA130STR Datasheet HTML 7Page - Clare, Inc. LIA130STR Datasheet HTML 8Page - Clare, Inc. LIA130STR Datasheet HTML 9Page - Clare, Inc. LIA130STR Datasheet HTML 10Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
LIA130
PRELIMINARY
7
R00C
PERFORMANCE DATA*
*The Performance data shown in the graphs above is typical of device performance. For guaranteed parameters not indicated in the written specifications, please
contact our application department.
LIA130
Saturation Voltage vs. Ambient Temperature
(I
LED=10mA; IC=10mA)
-40
0.30
0.25
0.20
0.15
0.10
0.05
0.00
-20
0
20406080
100
Temperature (ºC)
LIA130
Collector Current vs. Collector Voltage
(T
A=25ºC)
VCE - Collector-Emitter (V)
0
180
160
140
120
100
80
60
40
20
0
123456789
10
I
LED=20mA
I
LED=1mA
I
LED=5mA
I
LED=10mA
LIA130
Delta V
REF / Delta VCOMP
vs. Ambient Temperature
-40
-1.5
-2.0
-2.5
-3.0
-20
0
20406080
100
Temperature (ºC)
LIA130
Voltage Gain vs. Frequency
Frenquency kHz
10
15
0
-15
-30
100
1000
100
Ω
1k
Ω
500
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com