Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LIA130STR Datasheet(PDF) 2 Page - Clare, Inc.

Part # LIA130STR
Description  Optically Isolated Error Amplifier
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

LIA130STR Datasheet(HTML) 2 Page - Clare, Inc.

  LIA130STR Datasheet HTML 1Page - Clare, Inc. LIA130STR Datasheet HTML 2Page - Clare, Inc. LIA130STR Datasheet HTML 3Page - Clare, Inc. LIA130STR Datasheet HTML 4Page - Clare, Inc. LIA130STR Datasheet HTML 5Page - Clare, Inc. LIA130STR Datasheet HTML 6Page - Clare, Inc. LIA130STR Datasheet HTML 7Page - Clare, Inc. LIA130STR Datasheet HTML 8Page - Clare, Inc. LIA130STR Datasheet HTML 9Page - Clare, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
PRELIMINARY
2
LIA130
R00C
Absolute Maximum Ratings are stress ratings. Stresses in
excess of these ratings can cause permanent damage to
the device. Functional operation of the device at conditions
beyond those indicated in the operational sections of this
data sheet is not implied.
Parameter
Conditions
Symbol
Min
Typ
Max
Units
Input Characteristics @ 25°C
LED forward voltage
I
LED = 5 mA, VCOMP = VFB (Fig.1)
V
F
0.9
-
1.4
V
Reference voltage
V
COMP = VFB, ILED = 10 mA, -40 to +85°C (Fig.1)
V
REF
1.224
1.24
1.259
V
V
COMP = VFB, ILED = 10 mA, 25°C (Fig.1)
1.228
1.24
1.252
Deviation of V
REF over temperature
1
T
A = -40 to +85°C
V
REF (DEV)
-
77
TBD
mV
Ratio of V
REF variation to the output of the error amplifier
I
LED = 10 mA, VCOMP = VREF to 10 V (Fig.2)
ΔV
REF/
ΔV
COMP
-
0.002
TBD
mV/V
Feedback input current
I
LED = 10 mA, R1 = 10 kΩ (Fig.3)
I
REF
-
0.09
TBD
μA
Deviation of I
REF over temperature
1
T
A = -40 to +85°C
I
REF (DEV)
-
0.028
TBD
μA
Minimum drive current
V
COMP = VFB (Fig.1)
I
LED (MIN)
-45
80
μA
Off-state error amplifier current
V
LED = 6 V, VFB = 0 (Fig.4)
I
(OFF)
-
0.001
0.1
μA
Error amplifier output impedance 2
V
COMP = VFB, ILED = 0.1 mA to 15 mA, f<1 kHZ
IZ
OUTI
-
0.22
-
Ω
Output Characteristics @ 25°C
Collector dark current
V
CE = 10V (Fig. 5)
I
CEO
-
0.3
50
nA
Collector-emitter voltage breakdown
I
C = 1.0mA
BV
CEO
70
-
-
V
Emitter-collector voltage breakdown
I
E = 100 µA
BV
ECO
7-
-
V
1. The deviation parameters V
REF(DEV) and IREF(DEV) are defined as the differences between the maximum and minimum values obtained over the rated temperature range. The average full-
range temperature coefficient of the reference input voltage,
ΔV
REF, is defined as:
|
ΔV
REF| (ppm/°C) = {VREF (DEV)/VREF (TA 25°C)} X 10
6 /
ΔT
A
where
ΔT
A is the rated operating free-air temperature range of the device.
2. The dynamic impedance is defined as |Z
OUT| = ΔVCOMP/ΔILED. When the device is operating with two external resistors (see Figure 2), the total dynamic impedance of the circuit is given by:
|Z
OUT, TOT| = ΔV/ΔI ≈ |ZOUT| X [1 + R1/R2]
Electrical Characteristics
Parameter
Symbol
Ratings
Units
Collector-Emitter Voltage
V
CEO
20
V
Emitter-Collector Voltage
V
ECO
7V
Input Voltage
V
LED
10
V
Input DC Current
I
LED
20
mA
Collector Current
I
C
50
mA
Input Power Dissipation 1
P
D
145
mW
Transistor Power Dissipation 2
P
D
85
mW
Total Power Dissipation 3
P
D
145
mW
Storage Temperature
T
STG
-55 to +125
°C
Operating Temperature
T
OPR
-40 to +85
°C
Absolute Maximum Ratings (@ 25˚ C)
1 Derate linearly from 25°C at a rate of 2.42 mW/ °C.
2 Derate linearly from 25°C at a rate of 1.42 mW/ °C.
3 Derate linearly from 25°C at a rate of 2.42 mW/ °C.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com