Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LIA130STR Datasheet(PDF) 6 Page - Clare, Inc.

Part # LIA130STR
Description  Optically Isolated Error Amplifier
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

LIA130STR Datasheet(HTML) 6 Page - Clare, Inc.

Back Button LIA130STR Datasheet HTML 2Page - Clare, Inc. LIA130STR Datasheet HTML 3Page - Clare, Inc. LIA130STR Datasheet HTML 4Page - Clare, Inc. LIA130STR Datasheet HTML 5Page - Clare, Inc. LIA130STR Datasheet HTML 6Page - Clare, Inc. LIA130STR Datasheet HTML 7Page - Clare, Inc. LIA130STR Datasheet HTML 8Page - Clare, Inc. LIA130STR Datasheet HTML 9Page - Clare, Inc. LIA130STR Datasheet HTML 10Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
PRELIMINARY
6
LIA130
R00C
PERFORMANCE DATA*
*The Performance data shown in the graphs above is typical of device performance. For guaranteed parameters not indicated in the written specifications, please
contact our application department.
LIA130
LED Current vs. Cathode Voltage
(T
A=25ºC, VCOMP=VFB)
VCOMP - Cathode Voltage (V)
-1.0
15
10
5
0
-5
-10
-15
-0.5
0.0
0.5
1.0
1.5
LIA130
LED Current vs. Cathode Voltage
(T
A=25ºC, VCOMP=VFB)
VCOMP - Cathode Voltage (V)
-1.0
150
120
90
60
30
0
-30
-60
-90
-120
-150
-0.5
0.0
0.5
1.0
1.5
LIA130
Reference Voltage vs.
Ambient Temperature
-40
1.40
1.37
1.34
1.31
1.28
-20
0
20406080
I
LED=10mA
Temperature (ºC)
LIA130
Reference Current vs. Ambient Temperature
(I
LED=10mA, R1=10KΩ)
-40
110
100
90
80
70
60
50
-20
0
20
40
60
80
100
Temperature (ºC)
LIA130
Off Current vs. Ambient Temperature
(V
LED=13.2V, VFB=0V)
-40
0.5
0.4
0.3
0.2
0.1
0
-20
0
20
40
60
80
100
Temperature (ºC)
LIA130
LED Forward Current vs. Forward Voltage
VF - Forward-Voltage (V)
0.8
20
15
10
5
0
0.9
1.0
1.1
1.2
1.3
1.4
1.5
1.6
85ºC
55ºC
25ºC
-5ºC
LIA130
Dark Current vs. Temperature
(V
CE=10V)
-40
50
40
30
20
10
0
-10
-20
0
20406080
100
Temperature (ºC)
LIA130
Collector Current vs. Ambient Temperature
(V
CE=5V)
I
LED=20mA
-40
120
100
80
60
40
20
0
-20
0
20406080
100
Temperature (ºC)
I
LED=1mA
I
LED=5mA
I
LED=10mA
LIA130
Current Transfer Ratio vs LED Current
(V
CE=5V)
ILED - Forward Current (mA)
0
700
600
500
400
300
200
100
0
5
10152025
-5ºC
25ºC
55ºC
85ºC



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com