Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATtiny85-15MZ Datasheet(PDF) 92 Page - ATMEL Corporation

Part # ATtiny85-15MZ
Description  8-bit Microcontroller with 2/4/8K Bytes In-System Programmable Flash
PDF  196 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATtiny85-15MZ Datasheet(HTML) 92 Page - ATMEL Corporation

Back Button ATtiny85-15MZ Datasheet HTML 88Page - ATMEL Corporation ATtiny85-15MZ Datasheet HTML 89Page - ATMEL Corporation ATtiny85-15MZ Datasheet HTML 90Page - ATMEL Corporation ATtiny85-15MZ Datasheet HTML 91Page - ATMEL Corporation ATtiny85-15MZ Datasheet HTML 92Page - ATMEL Corporation ATtiny85-15MZ Datasheet HTML 93Page - ATMEL Corporation ATtiny85-15MZ Datasheet HTML 94Page - ATMEL Corporation ATtiny85-15MZ Datasheet HTML 95Page - ATMEL Corporation ATtiny85-15MZ Datasheet HTML 96Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 196 page
background image
92
7598H–AVR–07/09
ATtiny25/45/85
Resolution shows how many bit is required to express the value in the OCR1C register. It is cal-
culated by following equation
Resolution
PWM = log2(OCR1C + 1).
Table 14-6.
Timer/Counter1 Clock Prescale Select in the Asynchronous Mode
PWM Frequency
Clock Selection
CS13..CS10
OCR1C
RESOLUTION
20 kHz
PCK/16
0101
199
7.6
30 kHz
PCK/16
0101
132
7.1
40 kHz
PCK/8
0100
199
7.6
50 kHz
PCK/8
0100
159
7.3
60 kHz
PCK/8
0100
132
7.1
70 kHz
PCK/4
0011
228
7.8
80 kHz
PCK/4
0011
199
7.6
90 kHz
PCK/4
0011
177
7.5
100 kHz
PCK/4
0011
159
7.3
110 kHz
PCK/4
0011
144
7.2
120 kHz
PCK/4
0011
132
7.1
130 kHz
PCK/2
0010
245
7.9
140 kHz
PCK/2
0010
228
7.8
150 kHz
PCK/2
0010
212
7.7
160 kHz
PCK/2
0010
199
7.6
170 kHz
PCK/2
0010
187
7.6
180 kHz
PCK/2
0010
177
7.5
190 kHz
PCK/2
0010
167
7.4
200 kHz
PCK/2
0010
159
7.3
250 kHz
PCK
0001
255
8.0
300 kHz
PCK
0001
212
7.7
350 kHz
PCK
0001
182
7.5
400 kHz
PCK
0001
159
7.3
450 kHz
PCK
0001
141
7.1
500 kHz
PCK
0001
127
7.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com