Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATtiny85-15MZ Datasheet(PDF) 57 Page - ATMEL Corporation

Part # ATtiny85-15MZ
Description  8-bit Microcontroller with 2/4/8K Bytes In-System Programmable Flash
PDF  196 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATtiny85-15MZ Datasheet(HTML) 57 Page - ATMEL Corporation

Back Button ATtiny85-15MZ Datasheet HTML 53Page - ATMEL Corporation ATtiny85-15MZ Datasheet HTML 54Page - ATMEL Corporation ATtiny85-15MZ Datasheet HTML 55Page - ATMEL Corporation ATtiny85-15MZ Datasheet HTML 56Page - ATMEL Corporation ATtiny85-15MZ Datasheet HTML 57Page - ATMEL Corporation ATtiny85-15MZ Datasheet HTML 58Page - ATMEL Corporation ATtiny85-15MZ Datasheet HTML 59Page - ATMEL Corporation ATtiny85-15MZ Datasheet HTML 60Page - ATMEL Corporation ATtiny85-15MZ Datasheet HTML 61Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 196 page
background image
57
7598H–AVR–07/09
ATtiny25/45/85
Table 10-4 and Table 10-5 relate the alternate functions of Port B to the overriding signals
shown in Figure 10-5 on page 52.
Note:
1. 1 when the Fuse is “0” (Programmed).
Table 10-4.
Overriding Signals for Alternate Functions in PB5..PB3
Signal
Name
PB5/RESET/
ADC0/PCINT5
PB4/ADC2/XTAL2/
OC1B/PCINT4
PB3/ADC3/XTAL1/
_OC1B/PCINT3
PUOE
RSTDISBL(1) • DWEN(1)
00
PUOV
100
DDOE
RSTDISBL(1) • DWEN(1)
00
DDOV
debugWire Transmit
0
0
PVOE
0
OC1B Enable
_OC1B Enable
PVOV
0
OC1B
_OC1B
PTOE
000
DIEOE
RSTDISBL(1) + (PCINT5 •
PCIE + ADC0D)
PCINT4 • PCIE + ADC2D
PCINT3 • PCIE + ADC3D
DIEOV
ADC0D
ADC2D
ADC3D
DI
PCINT5 Input
PCINT4 Input
PCINT3 Input
AIO
RESET Input, ADC0 Input
ADC2 Input
ADC3 Input
Table 10-5.
Overriding Signals for Alternate Functions in PB3..PB0
Signal
Name
PB2/SCK/ADC1/T0/
USCK/SCL/INT0/PCINT2
PB1/MISO/DO/AIN1/
OC1A/OC0B/PCINT1
PB0/MOSI/DI/SDA/AIN0/AR
EF/_OC1A/OC0A/
PCINT0
PUOE
000
PUOV
000
DDOE
USI_TWO_WIRE
0
USI_TWO_WIRE
DDOV
(USI_SCL_HOLD +
PORTB2) • DDB2
0(SDA + PORTBO) • DDB0
PVOE
USI_TWO_WIRE • DDB2
OC0B Enable + OC1A
Enable +
USI_THREE_WIRE
OC0A Enable + _OC1A
Enable + (USI_TWO_WIRE
• DDB0)
PVOV
0
OC0B + OC1A + DO
OC0A + _OC1A
PTOE
USITC
0
0
DIEOE
PCINT2 • PCIE + ADC1D +
USISIE
PCINT1 • PCIE + AIN1D
PCINT0 • PCIE + AIN0D +
USISIE
DIEOV
ADC1D
AIN1D
AIN0D
DI
T0/USCK/SCL/INT0/
PCINT2 Input
PCINT1 Input
DI/SDA/PCINT0 Input
AIO
ADC1 Input
Analog Comparator
Negative Input
Analog Comparator Positive
Input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com