Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATtiny85-15MZ Datasheet(PDF) 23 Page - ATMEL Corporation

Part # ATtiny85-15MZ
Description  8-bit Microcontroller with 2/4/8K Bytes In-System Programmable Flash
PDF  196 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATtiny85-15MZ Datasheet(HTML) 23 Page - ATMEL Corporation

Back Button ATtiny85-15MZ Datasheet HTML 19Page - ATMEL Corporation ATtiny85-15MZ Datasheet HTML 20Page - ATMEL Corporation ATtiny85-15MZ Datasheet HTML 21Page - ATMEL Corporation ATtiny85-15MZ Datasheet HTML 22Page - ATMEL Corporation ATtiny85-15MZ Datasheet HTML 23Page - ATMEL Corporation ATtiny85-15MZ Datasheet HTML 24Page - ATMEL Corporation ATtiny85-15MZ Datasheet HTML 25Page - ATMEL Corporation ATtiny85-15MZ Datasheet HTML 26Page - ATMEL Corporation ATtiny85-15MZ Datasheet HTML 27Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 196 page
background image
23
7598H–AVR–07/09
ATtiny25/45/85
Figure 6-2.
PCK Clocking System
6.2
Clock Sources
The device has the following clock source options, selectable by Flash Fuse bits as shown
below. The clock from the selected source is input to the AVR clock generator, and routed to the
appropriate modules.
Note:
1. For all fuses “1” means unprogrammed while “0” means programmed.
The various choices for each clocking option is given in the following sections. When the CPU
wakes up from Power-down or Power-save, the selected clock source is used to time the
start-up, ensuring stable Oscillator operation before instruction execution starts. When the CPU
starts from reset, there is an additional delay allowing the power to reach a stable level before
commencing normal operation. The Watchdog Oscillator is used for timing this real-time part of
the start-up time. The number of WDT Oscillator cycles used for each time-out is shown in Table
6-2.
8.0 MHz / 6.4 MHz
RC OSCILLATOR
OSCCAL
XTAL1
XTAL2
OSCILLATORS
DIVIDE
BY 4
SYSTEM
CLOCK
PLL
8x / 4x
PLLCK & CKSEL FUSES
PLLE
PCK
Lock
Detector
PLOCK
64 / 25.6 MHz
System
Clock
Prescaler
CLKPS3..0
Table 6-1.
Device Clocking Options Select
(1)
Device Clocking Option
CKSEL3..0
External Clock
0000
PLL Clock
0001
Calibrated Internal RC Oscillator 8.0 MHz
0010
Watchdog Oscillator 128 kHz
0100
External Low-frequency Crystal
0110
External Crystal/Ceramic Resonator
1000-1111
Reserved
0101, 0111, 0011



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com