Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATtiny85-15MZ Datasheet(PDF) 110 Page - ATMEL Corporation

Part # ATtiny85-15MZ
Description  8-bit Microcontroller with 2/4/8K Bytes In-System Programmable Flash
PDF  196 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATtiny85-15MZ Datasheet(HTML) 110 Page - ATMEL Corporation

Back Button ATtiny85-15MZ Datasheet HTML 106Page - ATMEL Corporation ATtiny85-15MZ Datasheet HTML 107Page - ATMEL Corporation ATtiny85-15MZ Datasheet HTML 108Page - ATMEL Corporation ATtiny85-15MZ Datasheet HTML 109Page - ATMEL Corporation ATtiny85-15MZ Datasheet HTML 110Page - ATMEL Corporation ATtiny85-15MZ Datasheet HTML 111Page - ATMEL Corporation ATtiny85-15MZ Datasheet HTML 112Page - ATMEL Corporation ATtiny85-15MZ Datasheet HTML 113Page - ATMEL Corporation ATtiny85-15MZ Datasheet HTML 114Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 110 / 196 page
background image
110
7598H–AVR–07/09
ATtiny25/45/85
17.3
Analog Comparator Multiplexed Input
It is possible to select any of the ADC3..0 pins to replace the negative input to the Analog Com-
parator. The ADC multiplexer is used to select this input, and consequently, the ADC must be
switched off to utilize this feature. If the Analog Comparator Multiplexer Enable bit (ACME in
ADCSRB) is set and the ADC is switched off (ADEN in ADCSRA is zero), MUX1..0 in ADMUX
select the input pin to replace the negative input to the Analog Comparator, as shown in Table
17-2. If ACME is cleared or ADEN is set, AIN1 is applied to the negative input to the Analog
Comparator.
17.3.1
Digital Input Disable Register 0 – DIDR0
• Bits 1, 0 – AIN1D, AIN0D: AIN1, AIN0 Digital Input Disable
When this bit is written logic one, the digital input buffer on the AIN1/0 pin is disabled. The corre-
sponding PIN Register bit will always read as zero when this bit is set. When an analog signal is
applied to the AIN1/0 pin and the digital input from this pin is not needed, this bit should be writ-
ten logic one to reduce power consumption in the digital input buffer.
Table 17-2.
Analog Comparator Multiplexed Input
ACME
ADEN
MUX1..0
Analog Comparator Negative Input
0x
xx
AIN1
11
xx
AIN1
10
00
ADC0
10
01
ADC1
10
10
ADC2
10
11
ADC3
Bit
765
4321
0
–
–
ADC0D
ADC2D
ADC3D
ADC1D
AIN1D
AIN0D
DIDR0
Read/Write
R
R
R/W
R/W
R/W
R/W
R/W
R/W
Initial Value
000
0000
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com