Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATtiny25 Datasheet(PDF) 137 Page - ATMEL Corporation

Part # ATtiny25
Description  8-bit Microcontroller with 2/4/8K Bytes In-System Programmable Flash
PDF  196 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATtiny25 Datasheet(HTML) 137 Page - ATMEL Corporation

Back Button ATtiny25 Datasheet HTML 133Page - ATMEL Corporation ATtiny25 Datasheet HTML 134Page - ATMEL Corporation ATtiny25 Datasheet HTML 135Page - ATMEL Corporation ATtiny25 Datasheet HTML 136Page - ATMEL Corporation ATtiny25 Datasheet HTML 137Page - ATMEL Corporation ATtiny25 Datasheet HTML 138Page - ATMEL Corporation ATtiny25 Datasheet HTML 139Page - ATMEL Corporation ATtiny25 Datasheet HTML 140Page - ATMEL Corporation ATtiny25 Datasheet HTML 141Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 137 / 196 page
background image
137
7598H–AVR–07/09
ATtiny25/45/85
21.3
Signature Bytes
All Atmel microcontrollers have a three-byte signature code which identifies the device. This
code can be read in both serial and High-voltage Programming mode, also when the device is
locked. The three bytes reside in a separate address space.
21.3.1
ATtiny25 Signature Bytes
1.
0x000: 0x1E (indicates manufactured by Atmel).
2.
0x001: 0x91 (indicates 2 KB Flash memory).
3.
0x002: 0x08 (indicates ATtiny25 device when 0x001 is 0x91).
21.3.2
ATtiny45 Signature Bytes
1.
0x000: 0x1E (indicates manufactured by Atmel).
2.
0x001: 0x92 (indicates 4 KB Flash memory).
3.
0x002: 0x06 (indicates ATtiny45 device when 0x001 is 0x92).
21.3.3
ATtiny85 Signature Bytes
1.
0x000: 0x1E (indicates manufactured by Atmel).
2.
0x001: 0x93 (indicates 8 KB Flash memory).
3.
0x002: 0x0B (indicates ATtiny85 device when 0x001 is 0x93).
21.4
Calibration Byte
Signature area of the ATtiny25/45/85 has one byte of calibration data for the internal RC Oscilla-
tor. This byte resides in the high byte of address 0x000. During reset, this byte is automatically
written into the OSCCAL Register to ensure correct frequency of the calibrated RC Oscillator.
21.5
Page Size
Table 21-6.
No. of Words in a Page and No. of Pages in the Flash
Device
Flash Size
Page Size
PCWORD
No. of Pages
PCPAGE
PCMSB
ATtiny25
1K words
(2K bytes)
16 words
PC[3:0]
64
PC[9:4]
9
ATtiny45
2K words
(4K bytes)
32 words
PC[4:0]
64
PC[10:5]
10
ATtiny85
4K words
(8K bytes)
32 words
PC[4:0]
128
PC[11:5]
11
Table 21-7.
No. of Words in a Page and No. of Pages in the EEPROM
Device
EEPROM
Size
Page Size
PCWORD
No. of Pages
PCPAGE
EEAMSB
ATtiny25
128 bytes
4 bytes
EEA[1:0]
32
EEA[6:2]
6
ATtiny45
256 bytes
4 bytes
EEA[1:0]
64
EEA[7:2]
7
ATtiny85
512 bytes
4 bytes
EEA[1:0]
128
EEA[8:2]
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com