Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATtiny25 Datasheet(PDF) 140 Page - ATMEL Corporation

Part # ATtiny25
Description  8-bit Microcontroller with 2/4/8K Bytes In-System Programmable Flash
PDF  196 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATtiny25 Datasheet(HTML) 140 Page - ATMEL Corporation

Back Button ATtiny25 Datasheet HTML 136Page - ATMEL Corporation ATtiny25 Datasheet HTML 137Page - ATMEL Corporation ATtiny25 Datasheet HTML 138Page - ATMEL Corporation ATtiny25 Datasheet HTML 139Page - ATMEL Corporation ATtiny25 Datasheet HTML 140Page - ATMEL Corporation ATtiny25 Datasheet HTML 141Page - ATMEL Corporation ATtiny25 Datasheet HTML 142Page - ATMEL Corporation ATtiny25 Datasheet HTML 143Page - ATMEL Corporation ATtiny25 Datasheet HTML 144Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 140 / 196 page
background image
140
7598H–AVR–07/09
ATtiny25/45/85
Figure 21-2. Serial Programming Waveforms
Table 21-9.
Minimum Wait Delay Before Writing the Next Flash or EEPROM Location
Symbol
Minimum Wait Delay
tWD_FLASH
4.5 ms
t
WD_EEPROM
4.0 ms
tWD_ERASE
4.0 ms
t
WD_FUSE
4.5 ms
Table 21-10. Serial Programming Instruction Set
Instruction
Instruction Format
Operation
Byte 1
Byte 2
Byte 3
Byte4
Programming Enable
1010
1100
0101
0011
xxxx
xxxx
xxxx
xxxx
Enable Serial Programming
after RESET goes low.
Chip Erase
1010
1100
100x
xxxx
xxxx
xxxx
xxxx
xxxx
Chip Erase EEPROM and
Flash.
Read Program
Memory
0010
H
000
0000
000a
bbbb
bbbb
oooo
oooo
Read H (high or low) data o
from Program memory at
word address a:b.
Load Program
Memory Page
0100
H
000
000x
xxxx
xxxb
bbbb
iiii
iiii
Write H (high or low) data i to
Program memory page at
word address b. Data low
byte must be loaded before
Data high byte is applied
within the same address.
Write Program
Memory Page
0100
1100
0000
000a
bb
xx
xxxx
xxxx
xxxx
Write Program memory Page
at address a:b.
Read EEPROM
Memory
1010
0000
000x
xxxx
xxbb
bbbb
oooo
oooo
Read data o from EEPROM
memory at address b.
Write EEPROM
Memory
1100
0000
000x
xxxx
xxbb
bbbb
iiii
iiii
Write data i to EEPROM
memory at address b.
MSB
MSB
LSB
LSB
SERIAL CLOCK INPUT
(SCK)
SERIAL DATA INPUT
(MOSI)
(MISO)
SAMPLE
SERIAL DATA OUTPUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com