Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATtiny25 Datasheet(PDF) 144 Page - ATMEL Corporation

Part # ATtiny25
Description  8-bit Microcontroller with 2/4/8K Bytes In-System Programmable Flash
PDF  196 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATtiny25 Datasheet(HTML) 144 Page - ATMEL Corporation

Back Button ATtiny25 Datasheet HTML 140Page - ATMEL Corporation ATtiny25 Datasheet HTML 141Page - ATMEL Corporation ATtiny25 Datasheet HTML 142Page - ATMEL Corporation ATtiny25 Datasheet HTML 143Page - ATMEL Corporation ATtiny25 Datasheet HTML 144Page - ATMEL Corporation ATtiny25 Datasheet HTML 145Page - ATMEL Corporation ATtiny25 Datasheet HTML 146Page - ATMEL Corporation ATtiny25 Datasheet HTML 147Page - ATMEL Corporation ATtiny25 Datasheet HTML 148Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 144 / 196 page
background image
144
7598H–AVR–07/09
ATtiny25/45/85
21.8
High-voltage Serial Programming Algorithm Sequence
To program and verify the ATtiny25/45/85 in the High-voltage Serial Programming mode, the fol-
lowing sequence is recommended (See instruction formats in Table 21-16):
21.8.1
Enter High-voltage Serial Programming Mode
The following algorithm puts the device in High-voltage Serial Programming mode:
1.
Apply 4.5 - 5.5V between V
CC and GND.
2.
Set RESET pin to “0” and toggle SCI at least six times.
3.
Set the Prog_enable pins listed in Table 21-14 to “000” and wait at least 100 ns.
4.
Apply V
HVRST - 5.5V to RESET. Keep the Prog_enable pins unchanged for at least
t
HVRST after the High-voltage has been applied to ensure the Prog_enable signature has
been latched.
5.
Shortly after latching the Prog_enable signature, the device will activly output data on
the Prog_enable[2]/SDO pin, and the resulting drive contention may increase the power
consumption. To minimize this drive contention, release the Prog_enable[2] pin after
t
HVRST has elapsed.
6.
Wait at least 50 µs before giving any serial instructions on SDI/SII.
21.8.2
Considerations for Efficient Programming
The loaded command and address are retained in the device during programming. For efficient
programming, the following should be considered.
• The command needs only be loaded once when writing or reading multiple memory
locations.
• Skip writing the data value 0xFF that is the contents of the entire EEPROM (unless the
EESAVE Fuse is programmed) and Flash after a Chip Erase.
• Address High byte needs only be loaded before programming or reading a new 256 word
window in Flash or 256 byte EEPROM. This consideration also applies to Signature bytes
reading.
21.8.3
Chip Erase
The Chip Erase will erase the Flash and EEPROM
(1) memories plus Lock bits. The Lock bits are
not reset until the Program memory has been completely erased. The Fuse bits are not
changed. A Chip Erase must be perfor med before the Flash and/or EEPROM are
re-programmed.
Note:
1. The EEPROM memory is preserved during Chip Erase if the EESAVE Fuse is programmed.
1.
Load command “Chip Erase” (see Table 21-16).
2.
Wait after Instr. 3 until SDO goes high for the “Chip Erase” cycle to finish.
3.
Load Command “No Operation”.
Table 21-15. High-voltage Reset Characteristics
Supply Voltage
RESET Pin High-voltage Threshold
Minimum High-voltage Period for
Latching Prog_enable
VCC
VHVRST
tHVRST
4.5V
11.5V
100 ns
5.5V
11.5V
100 ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com