Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATtiny25 Datasheet(PDF) 146 Page - ATMEL Corporation

Part # ATtiny25
Description  8-bit Microcontroller with 2/4/8K Bytes In-System Programmable Flash
PDF  196 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATtiny25 Datasheet(HTML) 146 Page - ATMEL Corporation

Back Button ATtiny25 Datasheet HTML 142Page - ATMEL Corporation ATtiny25 Datasheet HTML 143Page - ATMEL Corporation ATtiny25 Datasheet HTML 144Page - ATMEL Corporation ATtiny25 Datasheet HTML 145Page - ATMEL Corporation ATtiny25 Datasheet HTML 146Page - ATMEL Corporation ATtiny25 Datasheet HTML 147Page - ATMEL Corporation ATtiny25 Datasheet HTML 148Page - ATMEL Corporation ATtiny25 Datasheet HTML 149Page - ATMEL Corporation ATtiny25 Datasheet HTML 150Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 146 / 196 page
background image
146
7598H–AVR–07/09
ATtiny25/45/85
21.8.5
Programming the EEPROM
The EEPROM is organized in pages, see Table 21-11 on page 142. When programming the
EEPROM, the data is latched into a page buffer. This allows one page of data to be pro-
grammed simultaneously. The programming algorithm for the EEPROM Data memory is as
follows (refer to Table 21-16):
1.
Load Command “Write EEPROM”.
2.
Load EEPROM Page Buffer.
3.
Program EEPROM Page. Wait after Instr. 2 until SDO goes high for the “Page Program-
ming” cycle to finish.
4.
Repeat 2 through 3 until the entire EEPROM is programmed or until all data has been
programmed.
5.
End Page Programming by Loading Command “No Operation”.
21.8.6
Reading the Flash
The algorithm for reading the Flash memory is as follows (refer to Table 21-16):
1.
Load Command "Read Flash".
2.
Read Flash Low and High Bytes. The contents at the selected address are available at
serial output SDO.
21.8.7
Reading the EEPROM
The algorithm for reading the EEPROM memory is as follows (refer to Table 21-16):
1.
Load Command “Read EEPROM”.
2.
Read EEPROM Byte. The contents at the selected address are available at serial out-
put SDO.
21.8.8
Programming and Reading the Fuse and Lock Bits
The algorithms for programming and reading the Fuse Low/High bits and Lock bits are shown in
Table 21-16.
21.8.9
Reading the Signature Bytes and Calibration Byte
The algorithms for reading the Signature bytes and Calibration byte are shown in Table 21-16.
21.8.10
Power-off sequence
Set SCI to “0”. Set RESET to “1”. Turn V
CC power off.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com