Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATtiny25 Datasheet(PDF) 149 Page - ATMEL Corporation

Part # ATtiny25
Description  8-bit Microcontroller with 2/4/8K Bytes In-System Programmable Flash
PDF  196 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATtiny25 Datasheet(HTML) 149 Page - ATMEL Corporation

Back Button ATtiny25 Datasheet HTML 145Page - ATMEL Corporation ATtiny25 Datasheet HTML 146Page - ATMEL Corporation ATtiny25 Datasheet HTML 147Page - ATMEL Corporation ATtiny25 Datasheet HTML 148Page - ATMEL Corporation ATtiny25 Datasheet HTML 149Page - ATMEL Corporation ATtiny25 Datasheet HTML 150Page - ATMEL Corporation ATtiny25 Datasheet HTML 151Page - ATMEL Corporation ATtiny25 Datasheet HTML 152Page - ATMEL Corporation ATtiny25 Datasheet HTML 153Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 149 / 196 page
background image
149
7598H–AVR–07/09
ATtiny25/45/85
21.9
High-voltage Serial Programming Characteristics
Figure 21-7. High-voltage Serial Programming Timing
Table 21-17. High-voltage Serial Programming Characteristics T
A = 25°C ±10%,
V
CC = 5.0V ±10% (Unless otherwise noted)
Symbol
Parameter
Min
Typ
Max
Units
tSHSL
SCI (PB3) Pulse Width High
110
ns
tSLSH
SCI (PB3) Pulse Width Low
110
ns
tIVSH
SDI (PB0), SII (PB1) Valid to SCI (PB3) High
50
ns
tSHIX
SDI (PB0), SII (PB1) Hold after SCI (PB3) High
50
ns
tSHOV
SCI (PB3) High to SDO (PB2) Valid
16
ns
tWLWH_PFB
Wait after Instr. 3 for Write Fuse Bits
2.5
ms
CK
CC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com