Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATmega328P Datasheet(PDF) 77 Page - ATMEL Corporation

Part # ATmega328P
Description  8-bit Microcontroller with 32K Bytes In-System Programmable Flash
PDF  345 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega328P Datasheet(HTML) 77 Page - ATMEL Corporation

Back Button ATmega328P Datasheet HTML 73Page - ATMEL Corporation ATmega328P Datasheet HTML 74Page - ATMEL Corporation ATmega328P Datasheet HTML 75Page - ATMEL Corporation ATmega328P Datasheet HTML 76Page - ATMEL Corporation ATmega328P Datasheet HTML 77Page - ATMEL Corporation ATmega328P Datasheet HTML 78Page - ATMEL Corporation ATmega328P Datasheet HTML 79Page - ATMEL Corporation ATmega328P Datasheet HTML 80Page - ATMEL Corporation ATmega328P Datasheet HTML 81Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 345 page
background image
77
7810A–AVR–11/09
ATmega328P [Preliminary]
13.3.2
Alternate Functions of Port C
The Port C pins with alternate functions are shown in Table 13-6.
Table 13-5.
Overriding Signals for Alternate Functions in PB3..PB0
Signal
Name
PB3/MOSI/
OC2/PCINT3
PB2/SS/
OC1B/PCINT2
PB1/OC1A/
PCINT1
PB0/ICP1/
PCINT0
PUOE
SPE • MSTR
SPE • MSTR
00
PUOV
PORTB3 • PUD
PORTB2 • PUD
00
DDOE
SPE • MSTR
SPE • MSTR
00
DDOV
0000
PVOE
SPE • MSTR +
OC2A ENABLE
OC1B ENABLE
OC1A ENABLE
0
PVOV
SPI MSTR OUTPUT
+ OC2A
OC1B
OC1A
0
DIEOE
PCINT3 • PCIE0
PCINT2 • PCIE0
PCINT1 • PCIE0
PCINT0 • PCIE0
DIEOV
1111
DI
PCINT3 INPUT
SPI SLAVE INPUT
PCINT2 INPUT
SPI SS
PCINT1 INPUT
PCINT0 INPUT
ICP1 INPUT
AIO
––––
Table 13-6.
Port C Pins Alternate Functions
Port Pin
Alternate Function
PC6
RESET (Reset pin)
PCINT14 (Pin Change Interrupt 14)
PC5
ADC5 (ADC Input Channel 5)
SCL (2-wire Serial Bus Clock Line)
PCINT13 (Pin Change Interrupt 13)
PC4
ADC4 (ADC Input Channel 4)
SDA (2-wire Serial Bus Data Input/Output Line)
PCINT12 (Pin Change Interrupt 12)
PC3
ADC3 (ADC Input Channel 3)
PCINT11 (Pin Change Interrupt 11)
PC2
ADC2 (ADC Input Channel 2)
PCINT10 (Pin Change Interrupt 10)
PC1
ADC1 (ADC Input Channel 1)
PCINT9 (Pin Change Interrupt 9)
PC0
ADC0 (ADC Input Channel 0)
PCINT8 (Pin Change Interrupt 8)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com