Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATmega328P Datasheet(PDF) 28 Page - ATMEL Corporation

Part # ATmega328P
Description  8-bit Microcontroller with 32K Bytes In-System Programmable Flash
PDF  345 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega328P Datasheet(HTML) 28 Page - ATMEL Corporation

Back Button ATmega328P Datasheet HTML 24Page - ATMEL Corporation ATmega328P Datasheet HTML 25Page - ATMEL Corporation ATmega328P Datasheet HTML 26Page - ATMEL Corporation ATmega328P Datasheet HTML 27Page - ATMEL Corporation ATmega328P Datasheet HTML 28Page - ATMEL Corporation ATmega328P Datasheet HTML 29Page - ATMEL Corporation ATmega328P Datasheet HTML 30Page - ATMEL Corporation ATmega328P Datasheet HTML 31Page - ATMEL Corporation ATmega328P Datasheet HTML 32Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 345 page
background image
28
7810A–AVR–11/09
ATmega328P [Preliminary]
Figure 8-2.
Crystal Oscillator Connections
The Low Power Oscillator can operate in three different modes, each optimized for a specific fre-
quency range. The operating mode is selected by the fuses CKSEL3..1 as shown in Table 8-3
on page 28.
Notes:
1. .This option should not be used with crystals, only with ceramic resonators.
2. If 8 MHz frequency exceeds the specification of the device (depends on VCC), the CKDIV8
Fuse can be programmed in order to divide the internal frequency by 8. It must be ensured
that the resulting divided clock meets the frequency specification of the device.
The CKSEL0 Fuse together with the SUT1..0 Fuses select the start-up times as shown in Table
8-4.
Table 8-3.
Low Power Crystal Oscillator Operating Modes(2)
Frequency Range
(MHz)
Recommended Range for
Capacitors C1 and C2 (pF)
CKSEL3..1
0.4 - 0.9
–
100(1)
0.9 - 3.0
12 - 22
101
3.0 - 8.0
12 - 22
110
8.0 - 16.0
12 - 22
111
Table 8-4.
Start-up Times for the Low Power Crystal Oscillator Clock Selection
Oscillator Source /
Power Conditions
Start-up Time from
Power-down and
Power-save
Additional Delay
from Reset
(VCC = 5.0V)
CKSEL0
SUT1..0
Ceramic resonator, fast
rising power
258 CK
14CK + 4.1 ms(1)
000
Ceramic resonator, slowly
rising power
258 CK
14CK + 65 ms(1)
001
Ceramic resonator, BOD
enabled
1K CK
14CK(2)
010
Ceramic resonator, fast
rising power
1K CK
14CK + 4.1 ms(2)
011
Ceramic resonator, slowly
rising power
1K CK
14CK + 65 ms(2)
100
XTAL2 (TOSC2)
XTAL1 (TOSC1)
GND
C2
C1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com