Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATmega328P Datasheet(PDF) 57 Page - ATMEL Corporation

Part # ATmega328P
Description  8-bit Microcontroller with 32K Bytes In-System Programmable Flash
PDF  345 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega328P Datasheet(HTML) 57 Page - ATMEL Corporation

Back Button ATmega328P Datasheet HTML 53Page - ATMEL Corporation ATmega328P Datasheet HTML 54Page - ATMEL Corporation ATmega328P Datasheet HTML 55Page - ATMEL Corporation ATmega328P Datasheet HTML 56Page - ATMEL Corporation ATmega328P Datasheet HTML 57Page - ATMEL Corporation ATmega328P Datasheet HTML 58Page - ATMEL Corporation ATmega328P Datasheet HTML 59Page - ATMEL Corporation ATmega328P Datasheet HTML 60Page - ATMEL Corporation ATmega328P Datasheet HTML 61Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 345 page
background image
57
7810A–AVR–11/09
ATmega328P [Preliminary]
Table 11-2 on page 57 shows reset and Interrupt Vectors placement for the various combina-
tions of BOOTRST and IVSEL settings. If the program never enables an interrupt source, the
Interrupt Vectors are not used, and regular program code can be placed at these locations. This
is also the case if the Reset Vector is in the Application section while the Interrupt Vectors are in
the Boot section or vice versa.
Note:
1. For the BOOTRST Fuse “1” means unprogrammed while “0” means programmed.
The most typical and general program setup for the Reset and Interrupt Vector Addresses in
ATmega328P is:
Address Labels Code
Comments
0x0000
jmp
RESET
; Reset Handler
0x0002
jmp
EXT_INT0
; IRQ0 Handler
0x0004
jmp
EXT_INT1
; IRQ1 Handler
0x0006
jmp
PCINT0
; PCINT0 Handler
0x0008
jmp
PCINT1
; PCINT1 Handler
0x000A
jmp
PCINT2
; PCINT2 Handler
0x000C
jmp
WDT
; Watchdog Timer Handler
0x000E
jmp
TIM2_COMPA
; Timer2 Compare A Handler
0x0010
jmp
TIM2_COMPB
; Timer2 Compare B Handler
0x0012
jmp
TIM2_OVF
; Timer2 Overflow Handler
0x0014
jmp
TIM1_CAPT
; Timer1 Capture Handler
0x0016
jmp
TIM1_COMPA
; Timer1 Compare A Handler
0x0018
jmp
TIM1_COMPB
; Timer1 Compare B Handler
0x001A
jmp
TIM1_OVF
; Timer1 Overflow Handler
0x001C
jmp
TIM0_COMPA
; Timer0 Compare A Handler
0x001E
jmp
TIM0_COMPB
; Timer0 Compare B Handler
0x0020
jmp
TIM0_OVF
; Timer0 Overflow Handler
0x0022
jmp
SPI_STC
; SPI Transfer Complete Handler
0x0024
jmp
USART_RXC
; USART, RX Complete Handler
0x0026
jmp
USART_UDRE
; USART, UDR Empty Handler
0x0028
jmp
USART_TXC
; USART, TX Complete Handler
0x002A
jmp
ADC
; ADC Conversion Complete Handler
0x002C
jmp
EE_RDY
; EEPROM Ready Handler
0x002E
jmp
ANA_COMP
; Analog Comparator Handler
0x0030
jmp
TWI
; 2-wire Serial Interface Handler
0x0032
jmp
SPM_RDY
; Store Program Memory Ready Handler
;
0x0033RESET:
ldi
r16, high(RAMEND); Main program start
0x0034
out
SPH,r16
; Set Stack Pointer to top of RAM
Table 11-2.
Reset and Interrupt Vectors Placement in ATmega328P
(1)
BOOTRST
IVSEL
Reset Address
Interrupt Vectors Start Address
1
0
0x000
0x002
1
1
0x000
Boot Reset Address + 0x0002
0
0
Boot Reset Address
0x002
0
1
Boot Reset Address
Boot Reset Address + 0x0002



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com