Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT60142HT Datasheet(PDF) 7 Page - ATMEL Corporation

Part # AT60142HT
Description  Rad Hard 512K x 8 5V Tolerant Very Low Power CMOS SRAM
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT60142HT Datasheet(HTML) 7 Page - ATMEL Corporation

Back Button AT60142HT Datasheet HTML 3Page - ATMEL Corporation AT60142HT Datasheet HTML 4Page - ATMEL Corporation AT60142HT Datasheet HTML 5Page - ATMEL Corporation AT60142HT Datasheet HTML 6Page - ATMEL Corporation AT60142HT Datasheet HTML 7Page - ATMEL Corporation AT60142HT Datasheet HTML 8Page - ATMEL Corporation AT60142HT Datasheet HTML 9Page - ATMEL Corporation AT60142HT Datasheet HTML 10Page - ATMEL Corporation AT60142HT Datasheet HTML 11Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
7
AT60142HT
7841A–AERO–10/09
AC Characteristics
Temperature Range:.................................................................................... -55 +125
°C
Supply Voltage:...............................................................................................3.3 +0.3V
Input Pulse Levels: .................................................................................... GND to 3.0V
Input Rise and Fall Times:......................................................................3ns (10 - 90%)
Input and Output Timing Reference Levels: ........................................................... 1.5V
Output Loading IOL/IOH:..............................................................................See Figure 2
Figure 2. AC Test Loads Waveforms
Write Cycle
Notes: 1. Parameters guaranteed, not tested, with output loading 5 pF. (See “AC Test Loads
Waveforms” on page 7.)
Symbol
Parameter
AT60142HT-17 AT60142HT-15
Unit
Value
TAVAW
Write cycle time
17
15
ns
min
TAVWL
Address set-up time
0
0
ns
min
TAVWH
Address valid to end of write
8
8
ns
min
TDVWH
Data set-up time
7
7
ns
min
TELWH
CS low to write end
12
10
ns
min
TWLQZ
Write low to high Z(1)
76
ns
max
TWLWH
Write pulse width
8
8
ns
min
TWHAX
Address hold from end of write
0
0
ns
min
TWHDX
Data hold time
0
0
ns
min
TWHQX
Write high to low Z(1)
33
ns
min



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com