Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT60142HT Datasheet(PDF) 3 Page - ATMEL Corporation

Part # AT60142HT
Description  Rad Hard 512K x 8 5V Tolerant Very Low Power CMOS SRAM
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT60142HT Datasheet(HTML) 3 Page - ATMEL Corporation

  AT60142HT Datasheet HTML 1Page - ATMEL Corporation AT60142HT Datasheet HTML 2Page - ATMEL Corporation AT60142HT Datasheet HTML 3Page - ATMEL Corporation AT60142HT Datasheet HTML 4Page - ATMEL Corporation AT60142HT Datasheet HTML 5Page - ATMEL Corporation AT60142HT Datasheet HTML 6Page - ATMEL Corporation AT60142HT Datasheet HTML 7Page - ATMEL Corporation AT60142HT Datasheet HTML 8Page - ATMEL Corporation AT60142HT Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
AT60142HT
7841A–AERO–10/09
Pin Description
Table 1. Pin Names
Table 2. Truth Table(1)
Name
Description
A0 - A18
Address Inputs
I/O1 - I/O8
Data Input/Output
CS
Chip Select
WE
Write Enable
OE
Output Enable
Vcc
Power Supply
GND
Ground
CS
WE
OE
Inputs/Outputs
Mode
H
X
X
Z
Deselect / Power-down
L
H
L
Data Out
Read
LL
X
Data In
Write
L
H
H
Z
Output Disable
Note:
1. L=low, H=high, X= L or H, Z=high impedance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com