Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT60142HT Datasheet(PDF) 2 Page - ATMEL Corporation

Part # AT60142HT
Description  Rad Hard 512K x 8 5V Tolerant Very Low Power CMOS SRAM
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT60142HT Datasheet(HTML) 2 Page - ATMEL Corporation

  AT60142HT Datasheet HTML 1Page - ATMEL Corporation AT60142HT Datasheet HTML 2Page - ATMEL Corporation AT60142HT Datasheet HTML 3Page - ATMEL Corporation AT60142HT Datasheet HTML 4Page - ATMEL Corporation AT60142HT Datasheet HTML 5Page - ATMEL Corporation AT60142HT Datasheet HTML 6Page - ATMEL Corporation AT60142HT Datasheet HTML 7Page - ATMEL Corporation AT60142HT Datasheet HTML 8Page - ATMEL Corporation AT60142HT Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
AT60142HT
7841A–AERO–10/09
Block Diagram
Pin Configuration
Note:
NC pins are not bonded internally. So, they can be connected to GND or Vcc.
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
36
35
34
33
32
31
30
29
28
27
26
25
24
23
22
21
20
19
NC
A18
A17
A16
A15
OE
I/O8
I/O7
GND
Vcc
I/O6
I/O5
A14
A13
A12
A11
A10
NC
A0
A1
A2
A3
A4
CS
I/O1
I/O2
Vcc
GND
I/O3
I/O4
WE
A5
A6
A8
A9
A7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com