Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATmega169PV-8MCH Datasheet(PDF) 73 Page - ATMEL Corporation

Part # ATmega169PV-8MCH
Description  8-bit Microcontroller with 16K Bytes In-System Programmable Flash
PDF  393 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega169PV-8MCH Datasheet(HTML) 73 Page - ATMEL Corporation

Back Button ATmega169PV-8MCH Datasheet HTML 69Page - ATMEL Corporation ATmega169PV-8MCH Datasheet HTML 70Page - ATMEL Corporation ATmega169PV-8MCH Datasheet HTML 71Page - ATMEL Corporation ATmega169PV-8MCH Datasheet HTML 72Page - ATMEL Corporation ATmega169PV-8MCH Datasheet HTML 73Page - ATMEL Corporation ATmega169PV-8MCH Datasheet HTML 74Page - ATMEL Corporation ATmega169PV-8MCH Datasheet HTML 75Page - ATMEL Corporation ATmega169PV-8MCH Datasheet HTML 76Page - ATMEL Corporation ATmega169PV-8MCH Datasheet HTML 77Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 393 page
background image
73
8018N–AVR–08/09
ATmega169P
13.3.1
Alternate Functions of Port A
The Port A has an alternate function as COM0:3 and SEG0:3 for the LCD Controller.
Table 13-4 and Table 13-5 relates the alternate functions of Port A to the overriding signals
shown in Figure 13-5 on page 71.
Table 13-3.
Port A Pins Alternate Functions
Port Pin
Alternate Function
PA7
SEG3 (LCD Front Plane 3)
PA6
SEG2 (LCD Front Plane 2)
PA5
SEG1 (LCD Front Plane 1)
PA4
SEG0 (LCD Front Plane 0)
PA3
COM3 (LCD Back Plane 3)
PA2
COM2 (LCD Back Plane 2)
PA1
COM1 (LCD Back Plane 1)
PA0
COM0 (LCD Back Plane 0)
Table 13-4.
Overriding Signals for Alternate Functions in PA7..PA4
Signal Name
PA7/SEG3
PA6/SEG2
PA5/SEG1
PA4/SEG0
PUOE
LCDEN
LCDEN
LCDEN
LCDEN
PUOV
00
00
DDOE
LCDEN
LCDEN
LCDEN
LCDEN
DDOV
0
0
0
0
PVOE
00
00
PVOV
00
00
PTOE
––
––
DIEOE
LCDEN
LCDEN
LCDEN
LCDEN
DIEOV
0
0
0
0
DI
––
––
AIO
SEG3
SEG2
SEG1
SEG0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com