Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATmega169PV-8MCH Datasheet(PDF) 79 Page - ATMEL Corporation

Part # ATmega169PV-8MCH
Description  8-bit Microcontroller with 16K Bytes In-System Programmable Flash
PDF  393 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega169PV-8MCH Datasheet(HTML) 79 Page - ATMEL Corporation

Back Button ATmega169PV-8MCH Datasheet HTML 75Page - ATMEL Corporation ATmega169PV-8MCH Datasheet HTML 76Page - ATMEL Corporation ATmega169PV-8MCH Datasheet HTML 77Page - ATMEL Corporation ATmega169PV-8MCH Datasheet HTML 78Page - ATMEL Corporation ATmega169PV-8MCH Datasheet HTML 79Page - ATMEL Corporation ATmega169PV-8MCH Datasheet HTML 80Page - ATMEL Corporation ATmega169PV-8MCH Datasheet HTML 81Page - ATMEL Corporation ATmega169PV-8MCH Datasheet HTML 82Page - ATMEL Corporation ATmega169PV-8MCH Datasheet HTML 83Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 393 page
background image
79
8018N–AVR–08/09
ATmega169P
13.3.4
Alternate Functions of Port D
The Port D pins with alternate functions are shown in Table 13-12.
The alternate pin configuration is as follows:
• SEG15 - SEG20 – Port D, Bit 7:2
SEG15-SEG20, LCD front plane 15-20.
•INT0/SEG21 – Port D, Bit 1
INT0, External Interrupt Source 0. The PD1 pin can serve as an external interrupt source to the
MCU.
SEG21, LCD front plane 21.
• ICP1/SEG22 – Port D, Bit 0
ICP1 – Input Capture pin1: The PD0 pin can act as an Input Capture pin for Timer/Counter1.
SEG22, LCD front plane 22
Table 13-12. Port D Pins Alternate Functions
Port Pin
Alternate Function
PD7
SEG15 (LCD front plane 15)
PD6
SEG16 (LCD front plane 16)
PD5
SEG17 (LCD front plane 17)
PD4
SEG18 (LCD front plane 18)
PD3
SEG19 (LCD front plane 19)
PD2
SEG20 (LCD front plane 20)
PD1
INT0/SEG21 (External Interrupt0 Input or LCD front plane 21)
PD0
ICP1/SEG22 (Timer/Counter1 Input Capture pin or LCD front plane 22)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com