Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATmega169PV-8MCH Datasheet(PDF) 42 Page - ATMEL Corporation

Part # ATmega169PV-8MCH
Description  8-bit Microcontroller with 16K Bytes In-System Programmable Flash
PDF  393 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega169PV-8MCH Datasheet(HTML) 42 Page - ATMEL Corporation

Back Button ATmega169PV-8MCH Datasheet HTML 38Page - ATMEL Corporation ATmega169PV-8MCH Datasheet HTML 39Page - ATMEL Corporation ATmega169PV-8MCH Datasheet HTML 40Page - ATMEL Corporation ATmega169PV-8MCH Datasheet HTML 41Page - ATMEL Corporation ATmega169PV-8MCH Datasheet HTML 42Page - ATMEL Corporation ATmega169PV-8MCH Datasheet HTML 43Page - ATMEL Corporation ATmega169PV-8MCH Datasheet HTML 44Page - ATMEL Corporation ATmega169PV-8MCH Datasheet HTML 45Page - ATMEL Corporation ATmega169PV-8MCH Datasheet HTML 46Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 393 page
background image
42
8018N–AVR–08/09
ATmega169P
9.5
Power-save Mode
When the SM2..0 bits are written to 011, the SLEEP instruction makes the MCU enter Power-
save mode. This mode is identical to Power-down, with one exception:
If Timer/Counter2 and/or the LCD controller are enabled, they will keep running during sleep.
The device can wake up from either Timer Overflow or Output Compare event from
Timer/Counter2 if the corresponding Timer/Counter2 interrupt enable bits are set in TIMSK2,
and the Global Interrupt Enable bit in SREG is set. It can also wake up from an LCD controller
interrupt.
If neither Timer/Counter2 nor the LCD controller is running, Power-down mode is recommended
instead of Power-save mode.
The LCD controller and Timer/Counter2 can be clocked both synchronously and asynchronously
in Power-save mode. The clock source for the two modules can be selected independent of
each other. If neither the LCD controller nor the Timer/Counter2 is using the asynchronous
clock, the Timer/Counter Oscillator is stopped during sleep. If neither the LCD controller nor the
Timer/Counter2 is using the synchronous clock, the clock source is stopped during sleep. Note
that even if the synchronous clock is running in Power-save, this clock is only available for the
LCD controller and Timer/Counter2.
9.6
Standby Mode
When the SM2..0 bits are 110 and an external crystal/resonator clock option is selected, the
SLEEP instruction makes the MCU enter Standby mode. This mode is identical to Power-down
with the exception that the Oscillator is kept running. From Standby mode, the device wakes up
in six clock cycles.
9.7
Power Reduction Register
The Power Reduction Register (PRR), see ”PRR – Power Reduction Register” on page 45, pro-
vides a method to stop the clock to individual peripherals to reduce power consumption. The
current state of the peripheral is frozen and the I/O registers can not be read or written.
Resources used by the peripheral when stopping the clock will remain occupied, hence the
peripheral should in most cases be disabled before stopping the clock. Waking up a module,
which is done by clearing the bit in PRR, puts the module in the same state as before shutdown.
Module shutdown can be used in Idle mode and Active mode to significantly reduce the overall
power consumption. See ”Supply Current of I/O modules” on page 341 for examples. In all other
sleep modes, the clock is already stopped.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com