Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATtiny48 Datasheet(PDF) 203 Page - ATMEL Corporation

Part # ATtiny48
Description  8-bit Microcontroller with 4/8K Bytes In-System Programmable Flash
PDF  266 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATtiny48 Datasheet(HTML) 203 Page - ATMEL Corporation

Back Button ATtiny48 Datasheet HTML 199Page - ATMEL Corporation ATtiny48 Datasheet HTML 200Page - ATMEL Corporation ATtiny48 Datasheet HTML 201Page - ATMEL Corporation ATtiny48 Datasheet HTML 202Page - ATMEL Corporation ATtiny48 Datasheet HTML 203Page - ATMEL Corporation ATtiny48 Datasheet HTML 204Page - ATMEL Corporation ATtiny48 Datasheet HTML 205Page - ATMEL Corporation ATtiny48 Datasheet HTML 206Page - ATMEL Corporation ATtiny48 Datasheet HTML 207Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 203 / 266 page
background image
203
8008C–AVR–03/09
ATtiny48/88
21.3
Speed Grades
Maximum frequency is dependent on V
CC. As shown in Figure 21-1, the Maximum Frequency vs.
V
CC curve is linear between 1.8V < VCC < 4.5V.
Figure 21-1. Maximum Frequency vs. V
CC
21.4
Clock Characterizations
21.4.1
Calibrated Internal Oscillator Accuracy
It is possible to manually calibrate the internal oscillator to be more accurate than default factory
calibration. Please note that the oscillator frequency depends on temperature and voltage. Volt-
age and temperature characteristics can be found in TBD.
Notes:
1. Accuracy of oscillator frequency at calibration point (fixed temperature and fixed voltage).
21.4.2
External Clock Drive
Figure 21-2. External Clock Drive Waveforms
4 MHz
1.8V
5.5V
4.5V
12 MHz
Table 21-1.
Calibration Accuracy of Internal Oscillator
Calibration
Method
Target Frequency
V
CC
Temperature
Accuracy at given
Voltage & Temperature(1)
Factory Calibration
8.0 MHz
3V
25
°C
±10%
User Calibration
Fixed frequency within:
7.3
– 8.1 MHz
Fixed voltage within:
1.8V
– 5.5V
Fixed temperature within:
-40
°C – 85°C
±1%
VIL1
VIH1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com