Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATtiny48 Datasheet(PDF) 204 Page - ATMEL Corporation

Part # ATtiny48
Description  8-bit Microcontroller with 4/8K Bytes In-System Programmable Flash
PDF  266 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATtiny48 Datasheet(HTML) 204 Page - ATMEL Corporation

Back Button ATtiny48 Datasheet HTML 200Page - ATMEL Corporation ATtiny48 Datasheet HTML 201Page - ATMEL Corporation ATtiny48 Datasheet HTML 202Page - ATMEL Corporation ATtiny48 Datasheet HTML 203Page - ATMEL Corporation ATtiny48 Datasheet HTML 204Page - ATMEL Corporation ATtiny48 Datasheet HTML 205Page - ATMEL Corporation ATtiny48 Datasheet HTML 206Page - ATMEL Corporation ATtiny48 Datasheet HTML 207Page - ATMEL Corporation ATtiny48 Datasheet HTML 208Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 204 / 266 page
background image
204
8008C–AVR–03/09
ATtiny48/88
Note:
All DC Characteristics contained in this datasheet are based on simulation and characterization of
other AVR microcontrollers manufactured in the same process technology. These values are pre-
liminary, representing design targets, and will be updated after characterization of actual silicon.
21.5
System and Reset Characterizations
Note:
1. Values are guidelines, only
2. The Power-on Reset will not work unless the supply voltage has been below VPOT (falling)
Table 21-2.
External Clock Drive
Symbol
Parameter
VCC=1.8-5.5V
VCC=2.7-5.5V
VCC=4.5-5.5V
Units
Min.
Max.
Min.
Max.
Min.
Max.
1/tCLCL
Oscillator
Frequency
02
06
0
12
MHz
tCLCL
Clock Period
250
166
83
ns
tCHCX
High Time
120
80
40
ns
tCLCX
Low Time
120
80
40
ns
tCLCH
Rise Time
2.0
1.6
0.5
μs
tCHCL
Fall Time
2.0
1.6
0.5
μs
Δt
CLCL
Change in period
from one clock
cycle to the next
22
2
%
Table 21-3.
Reset, Brown-out, and Internal Voltage Characteristics
(1)
Symbol
Parameter
Condition
Min
Typ
Max
Units
VPOT
Power-on Reset Threshold
Voltage (rising)
TA = -40 – 85°C1.5
V
Power-on Reset Threshold
Voltage (falling)(2)
T
A = -40 – 85°C1.2
V
VRST
RESET Pin Threshold
Voltage
0.2 V
CC
0.9V
CC
V
tRST
Minimum pulse width on
RESET Pin
V
CC = 1.8V
V
CC = 3V
VCC = 5V
2000
700
400
ns
VHYST
Brown-out Detector
Hysteresis
50
mV
t
BOD
Min Pulse Width on
Brown-out Reset
2µs
VBG
Internal bandgap reference
voltage
V
CC = 5V
TA =25°C
1.0
1.1
1.2
V
tBG
Internal bandgap reference
start-up time
V
CC = 5V
TA =25°C
40
70
µs
IBG
Internal bandgap reference
current consumption
VCC = 5V
T
A =25°C
15
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com