Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATmega3290P Datasheet(PDF) 70 Page - ATMEL Corporation

Part # ATmega3290P
Description  8-bit Microcontroller with 32K Bytes In-System Programmable Flash
PDF  385 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega3290P Datasheet(HTML) 70 Page - ATMEL Corporation

Back Button ATmega3290P Datasheet HTML 66Page - ATMEL Corporation ATmega3290P Datasheet HTML 67Page - ATMEL Corporation ATmega3290P Datasheet HTML 68Page - ATMEL Corporation ATmega3290P Datasheet HTML 69Page - ATMEL Corporation ATmega3290P Datasheet HTML 70Page - ATMEL Corporation ATmega3290P Datasheet HTML 71Page - ATMEL Corporation ATmega3290P Datasheet HTML 72Page - ATMEL Corporation ATmega3290P Datasheet HTML 73Page - ATMEL Corporation ATmega3290P Datasheet HTML 74Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 385 page
background image
70
8021E–AVR–07/09
ATmega329P/3290P
13.3.1
Alternate Functions of Port A
The Port A has an alternate function as COM0:3 and SEG0:3 for the LCD Controller.
Table 13-4 and Table 13-5 relates the alternate functions of Port A to the overriding signals
shown in Figure 13-5 on page 68.
Table 13-3.
Port A Pins Alternate Functions
Port Pin
Alternate Function
PA7
SEG (LCD Front Plane 3)
PA6
SEG (LCD Front Plane 2)
PA5
SEG (LCD Front Plane 1)
PA4
SEG (LCD Front Plane 0)
PA3
COM (LCD Back Plane 3)
PA2
COM (LCD Back Plane 2)
PA1
COM (LCD Back Plane 1)
PA0
COM (LCD Back Plane 0)
Table 13-4.
Overriding Signals for Alternate Functions in PA7:PA4
Signal Name
PA7/SEG3
PA6/SEG2
PA5/SEG1
PA4/SEG0
PUOE
LCDEN
LCDEN
LCDEN
LCDEN
PUOV
0000
DDOE
LCDEN
LCDEN
LCDEN
LCDEN
DDOV
0000
PVOE
0000
PVOV
0000
PTOE
––––
DIEOE
LCDEN
LCDEN
LCDEN
LCDEN
DIEOV
0000
DI
––––
AIO
LCDSEG
LCDSEG
LCDSEG
LCDSEG



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com