Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATmega3290P Datasheet(PDF) 83 Page - ATMEL Corporation

Part # ATmega3290P
Description  8-bit Microcontroller with 32K Bytes In-System Programmable Flash
PDF  385 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega3290P Datasheet(HTML) 83 Page - ATMEL Corporation

Back Button ATmega3290P Datasheet HTML 79Page - ATMEL Corporation ATmega3290P Datasheet HTML 80Page - ATMEL Corporation ATmega3290P Datasheet HTML 81Page - ATMEL Corporation ATmega3290P Datasheet HTML 82Page - ATMEL Corporation ATmega3290P Datasheet HTML 83Page - ATMEL Corporation ATmega3290P Datasheet HTML 84Page - ATMEL Corporation ATmega3290P Datasheet HTML 85Page - ATMEL Corporation ATmega3290P Datasheet HTML 86Page - ATMEL Corporation ATmega3290P Datasheet HTML 87Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 385 page
background image
83
8021E–AVR–07/09
ATmega329P/3290P
13.3.8
Alternate Functions of Port H
Port H is only present in ATmega3290P. The alternate pin configuration is as follows:
The alternate pin configuration is as follows:
• PCINT23/SEG – Port H, Bit 7
PCINT23, Pin Change Interrupt Source 23: The PH7 pin can serve as an external interrupt
source.
SEG, LCD front plane 36.
• PCINT22/SEG – Port H, Bit 6
PCINT22, Pin Change Interrupt Source 22: The PH6 pin can serve as an external interrupt
source.
SEG, LCD front plane 37.
• PCINT21/SEG – Port H, Bit 5
PCINT21, Pin Change Interrupt Source 21: The PH5 pin can serve as an external interrupt
source.
SEG, LCD front plane 38.
• PCINT20/SEG – Port H, Bit 4
PCINT20, Pin Change Interrupt Source 20: The PH4 pin can serve as an external interrupt
source.
SEG, LCD front plane 39.
• PCINT19/SEG – Port H, Bit 3
PCINT19, Pin Change Interrupt Source 19: The PH3 pin can serve as an external interrupt
source.
SEG, LCD front plane 7.
• PCINT18/SEG – Port H, Bit 2
PCINT18, Pin Change Interrupt Source 18: The PH2 pin can serve as an external interrupt
source.
Table 13-24. Port H Pins Alternate Functions
Port Pin
Alternate Function
PH7
PCINT23/SEG (Pin Change Interrupt23 or LCD Front Plane 36)
PH6
PCINT22/SEG (Pin Change Interrupt22 or LCD Front Plane 37)
PH5
PCINT21/SEG (Pin Change Interrupt21 or LCD Front Plane 38)
PH4
PCINT20/SEG (Pin Change Interrupt20 or LCD Front Plane 39)
PH3
PCINT19/SEG (Pin Change Interrupt19 or LCD Front Plane 7)
PH2
PCINT18/SEG (Pin Change Interrupt18 or LCD Front Plane 8)
PH1
PCINT17/SEG (Pin Change Interrupt17 or LCD Front Plane 9)
PH0
PCINT16/SEG (Pin Change Interrupt16 or LCD Front Plane 10)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com