Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATmega3290P Datasheet(PDF) 85 Page - ATMEL Corporation

Part # ATmega3290P
Description  8-bit Microcontroller with 32K Bytes In-System Programmable Flash
PDF  385 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega3290P Datasheet(HTML) 85 Page - ATMEL Corporation

Back Button ATmega3290P Datasheet HTML 81Page - ATMEL Corporation ATmega3290P Datasheet HTML 82Page - ATMEL Corporation ATmega3290P Datasheet HTML 83Page - ATMEL Corporation ATmega3290P Datasheet HTML 84Page - ATMEL Corporation ATmega3290P Datasheet HTML 85Page - ATMEL Corporation ATmega3290P Datasheet HTML 86Page - ATMEL Corporation ATmega3290P Datasheet HTML 87Page - ATMEL Corporation ATmega3290P Datasheet HTML 88Page - ATMEL Corporation ATmega3290P Datasheet HTML 89Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 385 page
background image
85
8021E–AVR–07/09
ATmega329P/3290P
13.3.9
Alternate Functions of Port J
Port J is only present in ATmega3290P. The alternate pin configuration is as follows:
The alternate pin configuration is as follows:
• PCINT30/SEG – Port J, Bit 6
PCINT30, Pin Change Interrupt Source 30: The PE30 pin can serve as an external interrupt
source.
SEG, LCD front plane 27.
• PCINT29/SEG – Port J, Bit 5
PCINT29, Pin Change Interrupt Source 29: The PE29 pin can serve as an external interrupt
source.
SEG, LCD front plane28.
Table 13-26. Overriding Signals for Alternate Functions in PH3:0
Signal Name
PH3/PCINT19/
SEG7
PH2/PCINT18/
SEG8
PH1/PCINT17/
SEG9
PH0/PCINT16/
SEG10
PUOE
LCDEN
LCDEN
LCDEN
LCDEN
PUOV
0000
DDOE
LCDEN
LCDEN
LCDEN
LCDEN
DDOV
0000
PVOE
0000
PVOV
0000
PTOE
––––
DIEOE
PCINT19 • PCIE0
•LCDEN • LCDPM
PCINT18 • PCIE0
•LCDEN • LCDPM
PCINT17 • PCIE0
•LCDEN • LCDPM
PCINT16 • PCIE0
•LCDEN • LCDPM
DIEOV
DI
PCINT19 INPUT
PCINT18 INPUT
PCINT17 INPUT
PCINT16 INPUT
AIO
LCDSEG
LCDSEG
LCDSEG
LCDSEG
Table 13-27. Port J Pins Alternate Functions
Port Pin
Alternate Function
PJ6
PCINT30/SEG (Pin Change Interrupt30 or LCD Front Plane 27)
PJ5
PCINT29/SEG (Pin Change Interrupt29 or LCD Front Plane 28)
PJ4
PCINT28/SEG (Pin Change Interrupt28 or LCD Front Plane 29)
PJ3
PCINT27/SEG (Pin Change Interrupt27 or LCD Front Plane 30)
PJ2
PCINT26/SEG(Pin Change Interrupt26 or LCD Front Plane 31)
PJ1
PCINT25/SEG(Pin Change Interrupt25 or LCD Front Plane 34)
PJ0
PCINT24/SEG (Pin Change Interrupt26 or LCD Front Plane 35)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com