Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATmega3290P Datasheet(PDF) 153 Page - ATMEL Corporation

Part # ATmega3290P
Description  8-bit Microcontroller with 32K Bytes In-System Programmable Flash
PDF  385 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega3290P Datasheet(HTML) 153 Page - ATMEL Corporation

Back Button ATmega3290P Datasheet HTML 149Page - ATMEL Corporation ATmega3290P Datasheet HTML 150Page - ATMEL Corporation ATmega3290P Datasheet HTML 151Page - ATMEL Corporation ATmega3290P Datasheet HTML 152Page - ATMEL Corporation ATmega3290P Datasheet HTML 153Page - ATMEL Corporation ATmega3290P Datasheet HTML 154Page - ATMEL Corporation ATmega3290P Datasheet HTML 155Page - ATMEL Corporation ATmega3290P Datasheet HTML 156Page - ATMEL Corporation ATmega3290P Datasheet HTML 157Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 153 / 385 page
background image
153
8021E–AVR–07/09
ATmega329P/3290P
When OC2A is connected to the pin, the function of the COM2A1:0 bits depends on the
WGM21:0 bit setting. Table 16-3 shows the COM2A1:0 bit functionality when the WGM21:0 bits
are set to a normal or CTC mode (non-PWM).
Table 16-4 shows the COM2A1:0 bit functionality when the WGM21:0 bits are set to fast PWM
mode.
Note:
1. A special case occurs when OCR2A equals TOP and COM2A1 is set. In this case, the com-
pare match is ignored, but the set or clear is done at BOTTOM. See ”Fast PWM Mode” on
page 144 for more details.
Table 16-5 shows the COM21:0 bit functionality when the WGM21:0 bits are set to phase cor-
rect PWM mode.
Note:
1. A special case occurs when OCR2A equals TOP and COM2A1 is set. In this case, the com-
pare match is ignored, but the set or clear is done at TOP. See ”Phase Correct PWM Mode” on
page 146 for more details.
• Bit 2:0 – CS22:0: Clock Select
The three Clock Select bits select the clock source to be used by the Timer/Counter, see Table
16-6 on page 154.
Table 16-3.
Compare Output Mode, non-PWM Mode
COM2A1
COM2A0
Description
0
0
Normal port operation, OC2A disconnected.
0
1
Toggle OC2A on compare match.
1
0
Clear OC2A on compare match.
1
1
Set OC2A on compare match.
Table 16-4.
Compare Output Mode, Fast PWM Mode
(1)
COM2A1
COM2A0
Description
0
0
Normal port operation, OC2A disconnected.
01
Reserved
10
Clear OC2A on compare match, set OC2A at BOTTOM
(non-inverting mode)
11
Set OC2A on compare match, clear OC2A at BOTTOM
(inverting mode).
Table 16-5.
Compare Output Mode, Phase Correct PWM Mode
(1)
COM2A1
COM2A0
Description
0
0
Normal port operation, OC2A disconnected.
01
Reserved
10
Clear OC2A on compare match when up-counting. Set OC2A on
compare match when counting down.
11
Set OC2A on compare match when up-counting. Clear OC2A on
compare match when counting down.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com