Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATmega3290P Datasheet(PDF) 267 Page - ATMEL Corporation

Part # ATmega3290P
Description  8-bit Microcontroller with 32K Bytes In-System Programmable Flash
PDF  385 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega3290P Datasheet(HTML) 267 Page - ATMEL Corporation

Back Button ATmega3290P Datasheet HTML 263Page - ATMEL Corporation ATmega3290P Datasheet HTML 264Page - ATMEL Corporation ATmega3290P Datasheet HTML 265Page - ATMEL Corporation ATmega3290P Datasheet HTML 266Page - ATMEL Corporation ATmega3290P Datasheet HTML 267Page - ATMEL Corporation ATmega3290P Datasheet HTML 268Page - ATMEL Corporation ATmega3290P Datasheet HTML 269Page - ATMEL Corporation ATmega3290P Datasheet HTML 270Page - ATMEL Corporation ATmega3290P Datasheet HTML 271Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 267 / 385 page
background image
267
8021E–AVR–07/09
ATmega329P/3290P
100
EXTCLKEN
Enable signals for main Clock/Oscillators
99
OSCON
98
RCOSCEN
97
OSC32EN
96
EXTCLK (XTAL1)
Clock input and Oscillators for the main clock
(Observe-only)
95
OSCCK
94
RCCK
93
OSC32CK
92
PD0.Data
Port D
91
PD0.Control
90
PD0.Pull-up_Enable
89
PD1.Data
88
PD1.Control
87
PD1.Pull-up_Enable
86
PD2.Data
85
PD2.Control
84
PD2.Pull-up_Enable
83
PD3.Data
82
PD3.Control
81
PD3.Pull-up_Enable
80
PD4.Data
79
PD4.Control
78
PD4.Pull-up_Enable
77
PD5.Data
76
PD5.Control
75
PD5.Pull-up_Enable
74
PD6.Data
73
PD6.Control
72
PD6.Pull-up_Enable
71
PD7.Data
70
PD7.Control
69
PD7.Pull-up_Enable
68
PG0.Data
Port G
67
PG0.Control
66
PG0.Pull-up_Enable
65
PG1.Data
Table 24-6.
ATmega329P/649P Boundary-scan Order, 64-pin (Continued)
Bit Number
Signal Name
Module



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com