Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATmega3290P Datasheet(PDF) 273 Page - ATMEL Corporation

Part # ATmega3290P
Description  8-bit Microcontroller with 32K Bytes In-System Programmable Flash
PDF  385 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega3290P Datasheet(HTML) 273 Page - ATMEL Corporation

Back Button ATmega3290P Datasheet HTML 269Page - ATMEL Corporation ATmega3290P Datasheet HTML 270Page - ATMEL Corporation ATmega3290P Datasheet HTML 271Page - ATMEL Corporation ATmega3290P Datasheet HTML 272Page - ATMEL Corporation ATmega3290P Datasheet HTML 273Page - ATMEL Corporation ATmega3290P Datasheet HTML 274Page - ATMEL Corporation ATmega3290P Datasheet HTML 275Page - ATMEL Corporation ATmega3290P Datasheet HTML 276Page - ATMEL Corporation ATmega3290P Datasheet HTML 277Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 273 / 385 page
background image
273
8021E–AVR–07/09
ATmega329P/3290P
135
EXTCLK (XTAL1)
Clock input and Oscillators for the main clock
(Observe-only)
134
OSCCK
133
RCCK
132
OSC32CK
131
PJ2.Data
Port J
130
PJ2.Control
129
PJ2.Pull-up_Enable
128
PJ3.Data
127
PJ3.Control
126
PJ3.Pull-up_Enable
125
PJ4.Data
124
PJ4.Control
123
PJ4.Pull-up_Enable
122
PJ5.Data
121
PJ5.Control
120
PJ5.Pull-up_Enable
119
PJ6.Data
118
PJ6.Control
117
PJ6.Pull-up_Enable
116
PD0.Data
Port D
115
PD0.Control
114
PD0.Pull-up_Enable
113
PD1.Data
112
PD1.Control
111
PD1.Pull-up_Enable
110
PD2.Data
109
PD2.Control
108
PD2.Pull-up_Enable
107
PD3.Data
106
PD3.Control
105
PD3.Pull-up_Enable
104
PD4.Data
103
PD4.Control
102
PD4.Pull-up_Enable
101
PD5.Data
100
PD5.Control
Table 24-7.
ATmega3290P Boundary-scan Order, 100-pin (Continued)
Bit Number
Signal Name
Module



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com