Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATmega3290P Datasheet(PDF) 330 Page - ATMEL Corporation

Part # ATmega3290P
Description  8-bit Microcontroller with 32K Bytes In-System Programmable Flash
PDF  385 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega3290P Datasheet(HTML) 330 Page - ATMEL Corporation

Back Button ATmega3290P Datasheet HTML 326Page - ATMEL Corporation ATmega3290P Datasheet HTML 327Page - ATMEL Corporation ATmega3290P Datasheet HTML 328Page - ATMEL Corporation ATmega3290P Datasheet HTML 329Page - ATMEL Corporation ATmega3290P Datasheet HTML 330Page - ATMEL Corporation ATmega3290P Datasheet HTML 331Page - ATMEL Corporation ATmega3290P Datasheet HTML 332Page - ATMEL Corporation ATmega3290P Datasheet HTML 333Page - ATMEL Corporation ATmega3290P Datasheet HTML 334Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 330 / 385 page
background image
330
8021E–AVR–07/09
ATmega329P/3290P
27.5
System and Reset Characteristics
27.6
Standard Power-on Reset
This implementation of power-on reset existed in early versions of ATmega329P/3290P. The
table below describes the characteristics of this power-on reset and it is valid for the following
devices, only:
• ATmega329P revision B and older
• ATmega3290P revision B and older
Note:
1. The Power-on Reset will not work unless the supply voltage has been below VPOT (falling)
27.7
Enhanced Power-on Reset
This implementation of power-on reset exists in newer versions of ATmega329P/3290P. The
table below describes the characteristics of this power-on reset and it is valid for the following
devices only:
• ATmega329P revision C and newer
• ATmega3290P revision C and newer
Notes:
1. Values are guidelines only. Actual values are TBD.
2. The Power-on Reset will not work unless the supply voltage has been below VPOT (falling)
Table 27-3.
Reset, Brown-out, and Internal Voltage Reference Characteristics,
T
A = -40°C to 85°C
Symbol
Parameter
Min
Typ
Max
Units
VPOT
Power-on Reset Threshold Voltage (rising)
0.7
1.0
1.4
V
Power-on Reset Threshold Voltage (falling)(1)
0.05
0.9
1.3
V
SRON
Power-on Slope Rate
0.01
4.5
V/ms
Table 27-4.
Reset, Brown-out and Internal Voltage Reference Characteristics(1),
T
A = -40°C to 85°C
Symbol
Parameter
Min
Typ
Max
Units
VPOT
Power-on Reset Threshold Voltage (rising)
1.1
1.4
1.6
V
Power-on Reset Threshold Voltage (falling)(2)
0.6
1.3
1.6
V
SRON
Power-on Slope Rate
0.01
10
V/ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com