Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATmega3290P Datasheet(PDF) 350 Page - ATMEL Corporation

Part # ATmega3290P
Description  8-bit Microcontroller with 32K Bytes In-System Programmable Flash
PDF  385 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega3290P Datasheet(HTML) 350 Page - ATMEL Corporation

Back Button ATmega3290P Datasheet HTML 346Page - ATMEL Corporation ATmega3290P Datasheet HTML 347Page - ATMEL Corporation ATmega3290P Datasheet HTML 348Page - ATMEL Corporation ATmega3290P Datasheet HTML 349Page - ATMEL Corporation ATmega3290P Datasheet HTML 350Page - ATMEL Corporation ATmega3290P Datasheet HTML 351Page - ATMEL Corporation ATmega3290P Datasheet HTML 352Page - ATMEL Corporation ATmega3290P Datasheet HTML 353Page - ATMEL Corporation ATmega3290P Datasheet HTML 354Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 350 / 385 page
background image
350
8021E–AVR–07/09
ATmega329P/3290P
Figure 28-28. I/O Pin Source Current vs. Output Voltage, Port A,C,D,E,F,G,H,J (V
CC = 1.8 V)
Figure 28-29. I/O Pin Source Current vs. Output Voltage, Port A,C,D,E,F,G,H,J (V
CC = 2.7 V)
I/O PIN SOURCE CURRENT vs. OUTPUT VOLTAGE, PORT A, C, D, E, F, G, H, J
VCC = 1.8V
85 °C
25 °C
-40 °C
0
1
2
3
4
5
6
-1.8
-1.6
-1.4
-1.2
-1
-0.8
-0.6
-0.4
-0.2
0
0.2
VOH (V)
I/O PIN SOURCE CURRENT vs. OUTPUT VOLTAGE, PORT A, C, D, E, F, G, H, J
VCC = 2.7
25 °C
0
2
4
6
8
10
12
14
16
18
20
0
0.5
1
1.5
2
2.5
3
VOH (V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com