Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATmega3290P Datasheet(PDF) 363 Page - ATMEL Corporation

Part # ATmega3290P
Description  8-bit Microcontroller with 32K Bytes In-System Programmable Flash
PDF  385 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega3290P Datasheet(HTML) 363 Page - ATMEL Corporation

Back Button ATmega3290P Datasheet HTML 359Page - ATMEL Corporation ATmega3290P Datasheet HTML 360Page - ATMEL Corporation ATmega3290P Datasheet HTML 361Page - ATMEL Corporation ATmega3290P Datasheet HTML 362Page - ATMEL Corporation ATmega3290P Datasheet HTML 363Page - ATMEL Corporation ATmega3290P Datasheet HTML 364Page - ATMEL Corporation ATmega3290P Datasheet HTML 365Page - ATMEL Corporation ATmega3290P Datasheet HTML 366Page - ATMEL Corporation ATmega3290P Datasheet HTML 367Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 363 / 385 page
background image
363
8021E–AVR–07/09
ATmega329P/3290P
29. Register Summary
Note:
Registers with bold type only available in ATmega3290P.
Address
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Page
(0xFF)
LCDDR19
SEG339
SEG338
SEG337
SEG336
SEG335
SEG334
SEG333
SEG332
244
(0xFE)
LCDDR18
SEG331
SEG330
SEG329
SEG328
SEG327
SEG326
SEG325
SEG324
244
(0xFD)
LCDDR17
SEG323
SEG322
SEG321
SEG320
SEG319
SEG318
SEG317
SEG316
244
(0xFC)
LCDDR16
SEG315
SEG314
SEG313
SEG312
SEG311
SEG310
SEG309
SEG308
244
(0xFB)
LCDDR15
SEG307
SEG306
SEG305
SEG304
SEG303
SEG302
SEG301
SEG300
244
(0xFA)
LCDDR14
SEG239
SEG238
SEG237
SEG236
SEG235
SEG234
SEG233
SEG232
244
(0xF9)
LCDDR13
SEG231
SEG230
SEG229
SEG228
SEG227
SEG226
SEG225
SEG224
244
(0xF8)
LCDDR12
SEG223
SEG222
SEG221
SEG220
SEG219
SEG218
SEG217
SEG216
244
(0xF7)
LCDDR11
SEG215
SEG214
SEG213
SEG212
SEG211
SEG210
SEG209
SEG208
244
(0xF6)
LCDDR10
SEG207
SEG206
SEG205
SEG204
SEG203
SEG202
SEG201
SEG200
244
(0xF5)
LCDDR09
SEG139
SEG138
SEG137
SEG136
SEG135
SEG134
SEG133
SEG132
244
(0xF4)
LCDDR08
SEG131
SEG130
SEG129
SEG128
SEG127
SEG126
SEG125
SEG124
244
(0xF3)
LCDDR07
SEG123
SEG122
SEG121
SEG120
SEG119
SEG118
SEG117
SEG116
244
(0xF2)
LCDDR06
SEG115
SEG114
SEG113
SEG112
SEG111
SEG110
SEG109
SEG108
244
(0xF1)
LCDDR05
SEG107
SEG106
SEG105
SEG104
SEG103
SEG102
SEG101
SEG100
244
(0xF0)
LCDDR04
SEG039
SEG038
SEG037
SEG036
SEG035
SEG034
SEG033
SEG032
244
(0xEF)
LCDDR03
SEG031
SEG030
SEG029
SEG028
SEG027
SEG026
SEG025
SEG024
244
(0xEE)
LCDDR02
SEG023
SEG022
SEG021
SEG020
SEG019
SEG018
SEG017
SEG016
244
(0xED)
LCDDR01
SEG015
SEG014
SEG013
SEG012
SEG011
SEG010
SEG009
SEG008
244
(0xEC)
LCDDR00
SEG007
SEG006
SEG005
SEG004
SEG003
SEG002
SEG001
SEG000
244
(0xEB)
Reserved
-
-
-
-
-
-
-
-
(0xEA)
Reserved
-
-
-
-
-
-
-
-
(0xE9)
Reserved
-
-
-
-
-
-
-
-
(0xE8)
Reserved
-
-
-
-
-
-
-
-
(0xE7)
LCDCCR
LCDDC2
LCDDC1
LCDDC0
LCDMDT
LCDCC3
LCDCC2
LCDCC1
LCDCC0
242
(0xE6)
LCDFRR
-
LCDPS2
LCDPS1
LCDPS0
-
LCDCD2
LCDCD1
LCDCD0
240
(0xE5)
LCDCRB
LCDCS
LCD2B
LCDMUX1
LCDMUX0
LCDPM3
LCDPM2
LCDPM1
LCDPM0
239
(0xE4)
LCDCRA
LCDEN
LCDAB
-
LCDIF
LCDIE
LCDBD
LCDCCD
LCDBL
238
(0xE3)
Reserved
-
-
-
-
-
-
-
-
(0xE2)
Reserved
-
-
-
-
-
-
-
-
(0xE1)
Reserved
-
-
-
-
-
-
-
-
(0xE0)
Reserved
-
-
-
-
-
-
-
-
(0xDF)
Reserved
-
-
-
-
-
-
-
-
(0xDE)
Reserved
-
-
-
-
-
-
-
-
(0xDD)
PORTJ
-
PORTJ6
PORTJ5
PORTJ4
PORTJ3
PORTJ2
PORTJ1
PORTJ0
91
(0xDC)
DDRJ
-
DDJ6
DDJ5
DDJ4
DDJ3
DDJ2
DDJ1
DDJ0
91
(0xDB)
PINJ
-
PINJ6
PINJ5
PINJ4
PINJ3
PINJ2
PINJ1
PINJ0
91
(0xDA)
PORTH
PORTH7
PORTH6
PORTH5
PORTH4
PORTH3
PORTH2
PORTH1
PORTH0
90
(0xD9)
DDRH
DDH7
DDH6
DDH5
DDH4
DDH3
DDH2
DDH1
DDH0
91
(0xD8)
PINH
PINH7
PINH6
PINH5
PINH4
PINH3
PINH2
PINH1
PINH0
91
(0xD7)
Reserved
-
-
-
-
-
-
-
-
(0xD6)
Reserved
-
-
-
-
-
-
-
-
(0xD5)
Reserved
-
-
-
-
-
-
-
-
(0xD4)
Reserved
-
-
-
-
-
-
-
-
(0xD3)
Reserved
-
-
-
-
-
-
-
-
(0xD2)
Reserved
-
-
-
-
-
-
-
-
(0xD1)
Reserved
-
-
-
-
-
-
-
-
(0xD0)
Reserved
-
-
-
-
-
-
-
-
(0xCF)
Reserved
-
-
-
-
-
-
-
-
(0xCE)
Reserved
-
-
-
-
-
-
-
-
(0xCD)
Reserved
-
-
-
-
-
-
-
-
(0xCC)
Reserved
-
-
-
-
-
-
-
-
(0xCB)
Reserved
-
-
-
-
-
-
-
-
(0xCA)
Reserved
-
-
-
-
-
-
-
-
(0xC9)
Reserved
-
-
-
-
-
-
-
-
(0xC8)
Reserved
-
-
-
-
-
-
-
-
(0xC7)
Reserved
-
-
-
-
-
-
-
-
(0xC6)
UDR0
USART0 Data Register
186
(0xC5)
UBRR0H
USART0 Baud Rate Register High
190



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com