Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATtiny13A Datasheet(PDF) 115 Page - ATMEL Corporation

Part # ATtiny13A
Description  8-bit Microcontroller with 1K Bytes In-System Programmable Flash
PDF  174 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATtiny13A Datasheet(HTML) 115 Page - ATMEL Corporation

Back Button ATtiny13A Datasheet HTML 111Page - ATMEL Corporation ATtiny13A Datasheet HTML 112Page - ATMEL Corporation ATtiny13A Datasheet HTML 113Page - ATMEL Corporation ATtiny13A Datasheet HTML 114Page - ATMEL Corporation ATtiny13A Datasheet HTML 115Page - ATMEL Corporation ATtiny13A Datasheet HTML 116Page - ATMEL Corporation ATtiny13A Datasheet HTML 117Page - ATMEL Corporation ATtiny13A Datasheet HTML 118Page - ATMEL Corporation ATtiny13A Datasheet HTML 119Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 115 / 174 page
background image
115
8126D–AVR–11/09
ATtiny13A
Figure 17-4. High-voltage Serial Programming Waveforms
17.8.3
Programming the EEPROM
The EEPROM is organized in pages, see Table 18-9 on page 122. When programming the
EEPROM, the data is latched into a page buffer. This allows one page of data to be pro-
grammed simultaneously. The programming algorithm for the EEPROM Data memory is as
follows (refer to Table 17-13 on page 111):
1. Load Command “Write EEPROM”.
2. Load EEPROM Page Buffer.
3. Program EEPROM Page. Wait after Instr. 2 until SDO goes high for the “Page Pro-
gramming” cycle to finish.
4. Repeat 2 through 3 until the entire EEPROM is programmed or until all data has been
programmed.
5. End Page Programming by Loading Command “No Operation”.
17.8.4
Reading the Flash
The algorithm for reading the Flash memory is as follows (refer to Table 17-13 on page 111):
1. Load Command "Read Flash".
2. Read Flash Low and High Bytes. The contents at the selected address are available at
serial output SDO.
17.8.5
Reading the EEPROM
The algorithm for reading the EEPROM memory is as follows (refer to Table 17-13 on page
111):
1. Load Command “Read EEPROM”.
2. Read EEPROM Byte. The contents at the selected address are available at serial out-
put SDO.
17.8.6
Programming and Reading the Fuse and Lock Bits
The algorithms for programming and reading the fuse low/high bits and lock bits are shown in
Table 17-13 on page 111.
MSB
MSB
MSB
LSB
LSB
LSB
0123456789
10
SDI
PB0
SII
PB1
SDO
PB2
SCI
PB3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com