Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATtiny13A Datasheet(PDF) 118 Page - ATMEL Corporation

Part # ATtiny13A
Description  8-bit Microcontroller with 1K Bytes In-System Programmable Flash
PDF  174 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATtiny13A Datasheet(HTML) 118 Page - ATMEL Corporation

Back Button ATtiny13A Datasheet HTML 114Page - ATMEL Corporation ATtiny13A Datasheet HTML 115Page - ATMEL Corporation ATtiny13A Datasheet HTML 116Page - ATMEL Corporation ATtiny13A Datasheet HTML 117Page - ATMEL Corporation ATtiny13A Datasheet HTML 118Page - ATMEL Corporation ATtiny13A Datasheet HTML 119Page - ATMEL Corporation ATtiny13A Datasheet HTML 120Page - ATMEL Corporation ATtiny13A Datasheet HTML 121Page - ATMEL Corporation ATtiny13A Datasheet HTML 122Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 118 / 174 page
background image
118
8126D–AVR–11/09
ATtiny13A
Notes: 1. “Max” means the highest value where the pin is guaranteed to be read as low.
2. Not tested in production.
3. “Min” means the lowest value where the pin is guaranteed to be read as high.
4. Although each I/O port can under non-transient, steady state conditions sink more than the test conditions, the sum of all IOL
(for all ports) should not exceed 60 mA. If IOL exceeds the test condition, VOL may exceed the related specification. Pins are
not guaranteed to sink current greater than the listed test condition.
5. Although each I/O port can under non-transient, steady state conditions source more than the test conditions, the sum of all
IOH (for all ports) should not exceed 60 mA. If IOH exceeds the test condition, VOH may exceed the related specification. Pins
are not guaranteed to source current greater than the listed test condition.
6. Measured with all I/O modules turned off (PRR = 0xFF).
18.3 Speed Grades
The maximum operating frequency of the device depends on supply voltage, VCC. As shown in
Figure 18-1, the relationship between maximum frequency and VCC is linear in the range of 1.8V
to 4.5V.
Figure 18-1. Maximum Frequency vs. VCC
ICC
Supply Current,
Active Mode (6)
f = 1MHz, VCC = 2V
0.2
0.35
mA
f = 4MHz, VCC = 3V
1.2
1.8
mA
f = 8MHz, VCC = 5V
3.6
6
mA
Supply Current,
Idle Mode
f = 1MHz, VCC = 2V
0.03
0.2
mA
f = 4MHz, VCC = 3V
0.2
1
mA
f = 8MHz, VCC = 5V
0.7
3
mA
Supply Current,
Power-Down Mode
WDT enabled, VCC = 3V
3.9
10
µA
WDT disabled, VCC = 3V
0.15
2
µA
Table 18-1.
DC Characteristics, TA = -40⋅C to 85⋅C (Continued)
Symbol
Parameter
Condition
Min
Typ
Max
Units
4 MHz
1.8V
5.5V
4.5V
20 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com