Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATtiny4-TSHR Datasheet(PDF) 12 Page - ATMEL Corporation

Part # ATtiny4-TSHR
Description  8-bit Microcontroller with 512/1024 Bytes In-System Programmable Flash
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATtiny4-TSHR Datasheet(HTML) 12 Page - ATMEL Corporation

Back Button ATtiny4-TSHR Datasheet HTML 8Page - ATMEL Corporation ATtiny4-TSHR Datasheet HTML 9Page - ATMEL Corporation ATtiny4-TSHR Datasheet HTML 10Page - ATMEL Corporation ATtiny4-TSHR Datasheet HTML 11Page - ATMEL Corporation ATtiny4-TSHR Datasheet HTML 12Page - ATMEL Corporation ATtiny4-TSHR Datasheet HTML 13Page - ATMEL Corporation ATtiny4-TSHR Datasheet HTML 14Page - ATMEL Corporation ATtiny4-TSHR Datasheet HTML 15Page - ATMEL Corporation ATtiny4-TSHR Datasheet HTML 16Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 168 page
background image
12
8127C–AVR–10/09
ATtiny4/5/9/10
4.8
Register Description
4.8.1
CCP – Configuration Change Protection Register
• Bits 7:0 – CCP[7:0] – Configuration Change Protection
In order to change the contents of a protected I/O register the CCP register must first be written
with the correct signature. After CCP is written the protected I/O registers may be written to dur-
ing the next four CPU instruction cycles. All interrupts are ignored during these cycles. After
these cycles interrupts are automatically handled again by the CPU, and any pending interrupts
will be executed according to their priority.
When the protected I/O register signature is written, CCP[0] will read as one as long as the pro-
tected feature is enabled, while CCP[7:1] will always read as zero.
Table 4-1 shows the signatures that are in recognised.
4.8.2
SPH and SPL — Stack Pointer Register
4.8.3
SREG – Status Register
• Bit 7 – I: Global Interrupt Enable
The Global Interrupt Enable bit must be set for the interrupts to be enabled. The individual inter-
rupt enable control is then performed in separate control registers. If the Global Interrupt Enable
Register is cleared, none of the interrupts are enabled independent of the individual interrupt
enable settings. The I-bit is cleared by hardware after an interrupt has occurred, and is set by
the RETI instruction to enable subsequent interrupts. The I-bit can also be set and cleared by
the application with the SEI and CLI instructions, as described in the document “AVR Instruction
Set” and “Instruction Set Summary” on page 151.
Bit
7
6
5432
10
0x3C
CCP[7:0]
CCP
Read/Write
W
WWW
WWWW
Initial Value
0
0
0000
00
Table 4-1.
Signatures Recognised by the Configuration Change Protection Register
Signature
Group
Description
0xD8
IOREG: CLKMSR, CLKPSR, WDTCSR
Protected I/O register
Bit
151413121110
9
8
0x3E
SP15
SP14
SP13
SP12
SP11
SP10
SP9
SP8
SPH
0x3D
SP7
SP6
SP5
SP4
SP3
SP2
SP1
SP0
SPL
765
43210
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Initial Value
RAMEND
RAMEND
RAMEND
RAMEND
RAMEND
RAMEND
RAMEND
RAMEND
Initial Value
RAMEND
RAMEND
RAMEND
RAMEND
RAMEND
RAMEND
RAMEND
RAMEND
Bit
7
6
5432
10
0x3F
I
T
H
S
V
N
Z
C
SREG
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Initial Value
0
0
0000
00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com