Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATtiny4-TSHR Datasheet(PDF) 34 Page - ATMEL Corporation

Part # ATtiny4-TSHR
Description  8-bit Microcontroller with 512/1024 Bytes In-System Programmable Flash
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATtiny4-TSHR Datasheet(HTML) 34 Page - ATMEL Corporation

Back Button ATtiny4-TSHR Datasheet HTML 30Page - ATMEL Corporation ATtiny4-TSHR Datasheet HTML 31Page - ATMEL Corporation ATtiny4-TSHR Datasheet HTML 32Page - ATMEL Corporation ATtiny4-TSHR Datasheet HTML 33Page - ATMEL Corporation ATtiny4-TSHR Datasheet HTML 34Page - ATMEL Corporation ATtiny4-TSHR Datasheet HTML 35Page - ATMEL Corporation ATtiny4-TSHR Datasheet HTML 36Page - ATMEL Corporation ATtiny4-TSHR Datasheet HTML 37Page - ATMEL Corporation ATtiny4-TSHR Datasheet HTML 38Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 168 page
background image
34
8127C–AVR–10/09
ATtiny4/5/9/10
• Bits 2:0 – VLM2:0: Trigger Level of Voltage Level Monitor
These bits set the trigger level for the voltage level monitor, as described in Table 8-4 below.
For VLM voltage levels, see TBD, TBD and TBD.
8.4.3
RSTFLR – Reset Flag Register
The Reset Flag Register provides information on which reset source caused an MCU Reset.
• Bits 7:4, 2– Res: Reserved Bits
These bits are reserved bits in ATtiny4/5/9/10 and will always read as zero.
• Bit 3 – WDRF: Watchdog Reset Flag
This bit is set if a Watchdog Reset occurs. The bit is reset by a Power-on Reset, or by writing a
logic zero to the flag.
• Bit 1 – EXTRF: External Reset Flag
This bit is set if an External Reset occurs. The bit is reset by a Power-on Reset, or by writing a
logic zero to the flag.
• Bit 0 – PORF: Power-on Reset Flag
This bit is set if a Power-on Reset occurs. The bit is reset only by writing a logic zero to the flag.
To make use of the Reset Flags to identify a reset condition, the user should read and then reset
the MCUSR as early as possible in the program. If the register is cleared before another reset
occurs, the source of the reset can be found by examining the Reset Flags.
Table 8-4.
Setting the Trigger Level of Voltage Level Monitor.
VLM2:0
Label
Description
000
VLM0
Voltage Level Monitor disabled
001
VLM1L
Triggering generates a regular Power-On Reset (POR).
The VLM flag is not set
010
VLM1H
011
VLM2
Triggering sets the VLM Flag (VLMF) and generates a VLM
interrupt, if enabled
100
VLM3
101
Not allowed
110
111
Bit
765
432
1
0
0x3B
–
–
–
–
WDRF
–
EXTRF
PORF
RSTFLR
Read/Write
R
R
R
R
R/W
R
R/W
R/W
Initial Value
0
0
0
0
X
0
X
X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com