Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATtiny4-TSHR Datasheet(PDF) 20 Page - ATMEL Corporation

Part # ATtiny4-TSHR
Description  8-bit Microcontroller with 512/1024 Bytes In-System Programmable Flash
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATtiny4-TSHR Datasheet(HTML) 20 Page - ATMEL Corporation

Back Button ATtiny4-TSHR Datasheet HTML 16Page - ATMEL Corporation ATtiny4-TSHR Datasheet HTML 17Page - ATMEL Corporation ATtiny4-TSHR Datasheet HTML 18Page - ATMEL Corporation ATtiny4-TSHR Datasheet HTML 19Page - ATMEL Corporation ATtiny4-TSHR Datasheet HTML 20Page - ATMEL Corporation ATtiny4-TSHR Datasheet HTML 21Page - ATMEL Corporation ATtiny4-TSHR Datasheet HTML 22Page - ATMEL Corporation ATtiny4-TSHR Datasheet HTML 23Page - ATMEL Corporation ATtiny4-TSHR Datasheet HTML 24Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 168 page
background image
20
8127C–AVR–10/09
ATtiny4/5/9/10
6.4
Starting
6.4.1
Starting from Reset
The internal reset is immediately asserted when a reset source goes active. The internal reset is
kept asserted until the reset source is released and the start-up sequence is completed. The
start-up sequence includes three steps, as follows.
1. The first step after the reset source has been released consists of the device counting
the reset start-up time. The purpose of this reset start-up time is to ensure that supply
voltage has reached sufficient levels. The reset start-up time is counted using the inter-
nal 128 kHz oscillator. See Table 6-1 for details of reset start-up time.
Note that the actual supply voltage is not monitored by the start-up logic. The device
will count until the reset start-up time has elapsed even if the device has reached suffi-
cient supply voltage levels earlier.
2. The second step is to count the oscillator start-up time, which ensures that the cali-
brated internal oscillator has reached a stable state before it is used by the other parts
of the system. The calibrated internal oscillator needs to oscillate for a minimum num-
ber of cycles before it can be considered stable. See Table 6-1 for details of the
oscillator start-up time.
3. The last step before releasing the internal reset is to load the calibration and the config-
uration values from the Non-Volatile Memory to configure the device properly. The
configuration time is listed in Table 6-1.
Notes: 1. After powering up the device or after a reset the system clock is automatically set to calibrated
internal 8 MHz oscillator, divided by 8
6.4.2
Starting from Power-Down Mode
When waking up from Power-Down sleep mode, the supply voltage is assumed to be at a suffi-
cient level and only the oscillator start-up time is counted to ensure the stable operation of the
oscillator. The oscillator start-up time is counted on the selected main clock, and the start-up
time depends on the clock selected. See Table 6-2 for details.
Notes: 1. The start-up time is measured in main clock oscillator cycles.
6.4.3
Starting from Idle / ADC Noise Reduction / Standby Mode
When waking up from Idle, ADC Noise Reduction or Standby Mode, the oscillator is already run-
ning and no oscillator start-up time is introduced.
The ADC is available in ATtiny5/10, only.
Table 6-1.
Start-up Times when Using the Internal Calibrated Oscillator
Reset
Oscillator
Configuration
Total start-up time
64 ms
6 cycles
21 cycles
64 ms + 6 oscillator cycles + 21 system clock cycles (1)
Table 6-2.
Start-up Time from Power-Down Sleep Mode.
Oscillator start-up time
Total start-up time
6 cycles
6 oscillator cycles (1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com