Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATtiny9 Datasheet(PDF) 106 Page - ATMEL Corporation

Part # ATtiny9
Description  8-bit Microcontroller with 512/1024 Bytes In-System Programmable Flash
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATtiny9 Datasheet(HTML) 106 Page - ATMEL Corporation

Back Button ATtiny9 Datasheet HTML 102Page - ATMEL Corporation ATtiny9 Datasheet HTML 103Page - ATMEL Corporation ATtiny9 Datasheet HTML 104Page - ATMEL Corporation ATtiny9 Datasheet HTML 105Page - ATMEL Corporation ATtiny9 Datasheet HTML 106Page - ATMEL Corporation ATtiny9 Datasheet HTML 107Page - ATMEL Corporation ATtiny9 Datasheet HTML 108Page - ATMEL Corporation ATtiny9 Datasheet HTML 109Page - ATMEL Corporation ATtiny9 Datasheet HTML 110Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 106 / 168 page
background image
106
8127C–AVR–10/09
ATtiny4/5/9/10
• Bits 2:0 – GT[2:0]: Guard Time
These bits specify the number of additional IDLE bits that are inserted to the idle time when
changing from reception mode to transmission mode. Additional delays are not inserted when
changing from transmission mode to reception.
The total idle time when changing from reception to transmission mode is Guard Time plus two
IDLE bits. Table 14-13 shows the available Guard Time settings.
The default Guard Time is 128 IDLE bits. To speed up the communication, the Guard Time
should be set to the shortest safe value.
14.7.3
TPISR – Tiny Programming Interface Status Register
• Bits 7:2, 0 – Res: Reserved Bits
These bits are reserved and will always read zero.
• Bit 1 – NVMEN: Non-Volatile Memory Programming Enabled
NVM programming is enabled when this bit is set. The external programmer can poll this bit to
verify the interface has been successfully enabled.
NVM programming is disabled by writing this bit to zero.
Table 14-13. Guard Time Settings
GT2
GT1
GT0
Guard Time (Number of IDLE bits)
0
0
0
+128 (default value)
001
+64
010
+32
011
+16
100
+8
101
+4
110
+2
111
+0
Bit
765
4321
0
CSS: 0x00
–
–
–
–
–
–NVMEN
–TPIPCR
Read/Write
RRRR
RR
R/W
R
Initial Value
000
0000
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com