Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATtiny9 Datasheet(PDF) 110 Page - ATMEL Corporation

Part # ATtiny9
Description  8-bit Microcontroller with 512/1024 Bytes In-System Programmable Flash
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATtiny9 Datasheet(HTML) 110 Page - ATMEL Corporation

Back Button ATtiny9 Datasheet HTML 106Page - ATMEL Corporation ATtiny9 Datasheet HTML 107Page - ATMEL Corporation ATtiny9 Datasheet HTML 108Page - ATMEL Corporation ATtiny9 Datasheet HTML 109Page - ATMEL Corporation ATtiny9 Datasheet HTML 110Page - ATMEL Corporation ATtiny9 Datasheet HTML 111Page - ATMEL Corporation ATtiny9 Datasheet HTML 112Page - ATMEL Corporation ATtiny9 Datasheet HTML 113Page - ATMEL Corporation ATtiny9 Datasheet HTML 114Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 110 / 168 page
background image
110
8127C–AVR–10/09
ATtiny4/5/9/10
Configuration bits are not affected by a chip erase but they can be cleared using the configura-
tion section erase command (see “Erasing the Configuration Section” on page 113). Note that
configuration bits are locked if Non-Volatile Lock Bit 1 (NVLB1) is programmed.
15.3.3.1
Latching of Configuration Bits
All configuration bits are latched either when the device is reset or when the device exits the
external programming mode. Changes to configuration bit values have no effect until the device
leaves the external programming mode.
15.3.4
Signature Section
The signature section is a dedicated memory area used for storing miscellaneous device infor-
mation, such as the device signature. Most of this memory section is reserved for internal use,
as shown in Table 15-7.
ATtiny4/5/9/10 have a three-byte signature code, which can be used to identify the device. The
three bytes reside in the signature section, as shown in Table 15-7. The signature data for
ATtiny4/5/9/10 is given in Table 15-8.
15.3.5
Calibration Section
ATtiny4/5/9/10 have one calibration byte. The calibration byte contains the calibration data for
the internal oscillator and resides in the calibration section, as shown in Table 15-9. During
reset, the calibration byte is automatically written into the OSCCAL register to ensure correct fre-
quency of the calibrated internal oscillator.
Table 15-7.
Signature bytes
Signature word address
Signature word data
High byte
Low byte
0x00
Device ID 1
Manufacturer ID
0x01
Reserved for internal use
Device ID 2
0x02 ... 0x0F
Reserved for internal use
Reserved for internal use
Table 15-8.
Signature codes
Part
Signature Bytes
Manufacturer ID
Device ID 1
Device ID 2
ATtiny4
0x1E
0x8F
0x0A
ATtiny5
0x1E
0x8F
0x09
ATtiny9
0x1E
0x90
0x08
ATtiny10
0x1E
0x90
0x03
Table 15-9.
Calibration byte
Calibration word address
Calibration word data
High byte
Low byte
0x00
Reserved
Internal oscillator calibration value
0x01 ... 0x07
Reserved
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com