Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RJK03C2DPB Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # RJK03C2DPB
Description  Silicon N Channel Power MOS FET with Schottky Barrier Diode Power Switching
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RJK03C2DPB Datasheet(HTML) 4 Page - Renesas Technology Corp

  RJK03C2DPB Datasheet HTML 1Page - Renesas Technology Corp RJK03C2DPB Datasheet HTML 2Page - Renesas Technology Corp RJK03C2DPB Datasheet HTML 3Page - Renesas Technology Corp RJK03C2DPB Datasheet HTML 4Page - Renesas Technology Corp RJK03C2DPB Datasheet HTML 5Page - Renesas Technology Corp RJK03C2DPB Datasheet HTML 6Page - Renesas Technology Corp RJK03C2DPB Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
RJK03C2DPB
Preliminary
REJ03G1831-0200 Rev.2.00 Sep 29, 2009
Page 4 of 6
Case Temperature
Tc
(°C)
Static Drain to Source on State Resistance
vs. Temperature
10
8
6
4
2
–25
0
25
50
75
100 125
150
0
ID = 5 A, 10 A, 20 A
VGS = 4.5 V
10 V
Pulse Test
5 A, 10 A, 20 A
Source to Drain Voltage VSD (V)
Reverse Drain Current vs.
Source to Drain Voltage
Channel Temperature Tch (
°C)
Maximum Avalanche Energy vs.
Channel Temperature Derating
100
80
60
40
20
25
50
75
100
125
150
0
100
80
60
40
20
0
0.4
0.8
1.2
1.6
2.0
Pulse Test
5 V
VGS = 0, –5V
10 V
Drain to Source Voltage VDS (V)
Typical Capacitance vs.
Drain to Source Voltage
010
30
20
10000
3000
1000
300
100
30
10
VGS = 0
f = 1 MHz
Crss
Coss
Ciss
Gate Charge
Qg (nc)
Dynamic Input Characteristics
50
40
30
20
10
0
20
16
12
8
4
40
80
120
160
200
0
0
ID = 55 A
VGS
VDS
VDD = 25 V
10 V
VDD = 25 V
10 V



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com